Electronic Components Datasheet Search
  English  ▼

X  

TCR3UG115B Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR3UG115B
Description  Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3UG115B Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR3UG115B Datasheet HTML 1Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 2Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 3Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 4Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 5Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 6Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 7Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 8Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TCR3UG series
2022-01-11
© 2018-2022
Toshiba Electronic Devices & Storage Corporation
2
4. Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
-0.3 to 6.0
V
Control voltage
VCT
-0.3 to VIN + 0.3
≤ 6.0
V
Output voltage
VOUT
-0.3 to VIN + 0.3
≤ 6.0
V
Power dissipation
PD
800
(Note1)
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the
operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated
failure rate, etc).
Note1:
Rating at mounting on a board
Glass epoxy (FR4) board dimension: 40 mm x 40 mm (both sides of board), t = 1.6 mm
Metal pattern ratio: a surface approximately 50 %, the reverse side approximately 50 %
Through hole : diameter 0.5 mm x 24
5. Operating Ranges
Note 2: IOUT = 1 mA.
Please refer to Dropout Voltage (Page 13) and use it within Absolute Maximum Ratings Junction temperature and
Operating Temperature Ranges.
Note 3: Do not operate at or near the maximum ratings of operating ranges for extended periods of time. Exposure to such
conditions may adversely impact product reliability and results in failures not covered by warranty.
6. Pin Assignment (top view)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
1.5 to 5.5
(Note 2)
V
Control voltage
VCT
0 to VIN
V
Output voltage
VOUT
0.8 to 5.0
V
Output current
IOUT
DC
300
(Note 3)
mA
Operating Temperature
Topr
-40 to 85
°C
Output Capacitance
COUT
≥1.0μF
―
Input Capacitance
CIN
≥1.0μF
―
1
2
A
VIN
VOUT
B
CONTROL
GND
1
2
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com