Electronic Components Datasheet Search
  English  ▼

X  

TCR3UG18B Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR3UG18B
Description  Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3UG18B Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR3UG18B Datasheet HTML 1Page - Toshiba Semiconductor TCR3UG18B Datasheet HTML 2Page - Toshiba Semiconductor TCR3UG18B Datasheet HTML 3Page - Toshiba Semiconductor TCR3UG18B Datasheet HTML 4Page - Toshiba Semiconductor TCR3UG18B Datasheet HTML 5Page - Toshiba Semiconductor TCR3UG18B Datasheet HTML 6Page - Toshiba Semiconductor TCR3UG18B Datasheet HTML 7Page - Toshiba Semiconductor TCR3UG18B Datasheet HTML 8Page - Toshiba Semiconductor TCR3UG18B Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TCR3UG series
2022-01-11
© 2018-2022
Toshiba Electronic Devices & Storage Corporation
3
7. List of Products Number, Output voltage and Marking
**Marking is rotated 90 degrees to the left.
Top Marking (top view)
Example: TCR3UG08A (0.8 V output)
Example: TCR3UG08B (0.8 V output)
Product No.
Output voltage(V)
Auto
dis-
charge
Marking
Product No.
Output voltage(V)
Auto
dis-
charge
Marking**
TCR3UG08A
0.8
Yes
A
TCR3UG08B
0.8
No
A
TCR3UG085A
0.85
B
TCR3UG085B
0.85
B
TCR3UG09A
0.9
C
TCR3UG09B
0.9
C
TCR3UG095A
0.95
D
TCR3UG095B
0.95
D
TCR3UG10A
1.0
E
TCR3UG10B
1.0
E
TCR3UG105A
1.05
F
TCR3UG105B
1.05
F
TCR3UG11A
1.1
H
TCR3UG11B
1.1
H
TCR3UG115A
1.15
J
TCR3UG115B
1.15
J
TCR3UG12A
1.2
K
TCR3UG12B
1.2
K
TCR3UG13A
1.3
L
TCR3UG13B
1.3
L
TCR3UG135A
1.35
M
TCR3UG135B
1.35
M
TCR3UG15A
1.5
N
TCR3UG15B
1.5
N
TCR3UG175A
1.75
P
TCR3UG175B
1.75
P
TCR3UG18A
1.8
R
TCR3UG18B
1.8
R
TCR3UG1825A
1.825
G
TCR3UG185B
1.85
S
TCR3UG185A
1.85
S
TCR3UG19B
1.9
T
TCR3UG19A
1.9
T
TCR3UG25B
2.5
U
TCR3UG25A
2.5
U
TCR3UG26B
2.6
V
TCR3UG26A
2.6
V
TCR3UG27B
2.7
W
TCR3UG27A
2.7
W
TCR3UG28B
2.8
X
TCR3UG28A
2.8
X
TCR3UG285B
2.85
Y
TCR3UG285A
2.85
Y
TCR3UG30B
3.0
0
TCR3UG30A
3.0
0
TCR3UG31B
3.1
1
TCR3UG31A
3.1
1
TCR3UG32B
3.2
2
TCR3UG32A
3.2
2
TCR3UG33B
3.3
3
TCR3UG33A
3.3
3
TCR3UG35B
3.5
4
TCR3UG35A
3.5
4
TCR3UG36B
3.6
5
TCR3UG36A
3.6
5
TCR3UG41B
4.1
9
TCR3UG41A
4.1
9
TCR3UG42B
4.2
6
TCR3UG42A
4.2
6
TCR3UG45B
4.5
7
TCR3UG45A
4.5
7
TCR3UG50B
5.0
8
TCR3UG50A
5.0
8
A
VOUT
VIN
GND
CONTROL
VOUT
VIN
GND
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com