Electronic Components Datasheet Search
  English  ▼

X  

ACS108-8SA Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACS108-8SA
Description  0.8 A - 800 V overvoltage protected AC switch (ACS™)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8SA Datasheet(HTML) 2 Page - STMicroelectronics

  ACS108-8SA Datasheet HTML 1Page - STMicroelectronics ACS108-8SA Datasheet HTML 2Page - STMicroelectronics ACS108-8SA Datasheet HTML 3Page - STMicroelectronics ACS108-8SA Datasheet HTML 4Page - STMicroelectronics ACS108-8SA Datasheet HTML 5Page - STMicroelectronics ACS108-8SA Datasheet HTML 6Page - STMicroelectronics ACS108-8SA Datasheet HTML 7Page - STMicroelectronics ACS108-8SA Datasheet HTML 8Page - STMicroelectronics ACS108-8SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tamb = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (full sine wave), S = 5cm²
Tamb = 64 °C
0.45
A
Ttab = 76 °C
0.8
ITSM
Non repetitive surge peak on-state current
Tj initial = 25 °C, (full cycle sine wave)
tp = 20 ms
13
A
tp = 16.7 ms
13.7
I2t
I2t for fuse selection
tp = 10 ms
1.1
A2s
dI/dt
Critical rate of rise on-state current IG = 2 x IGT, tr ≤ 100 ns
f = 120 Hz, Tj = 125 °C
100
A/μs
VPP(1)
Non repetitive line peak pulse voltage
2
kV
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.1
W
VGM
Peak positive gate voltage
Tj = 125 °C
10
V
IGM
Peak gate current (tp = 20 μs)
Tj = 125 °C
1
A
Tstg
Storage temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-30 to +125
°C
1. according to test described by standard IEC 61000-4-5, see Figure 15. Overvoltage ruggedness test circuit for resistive and
inductive loads, Tamb = 25 °C (conditions equivalent to IEC 61000-4-5 standard) for conditions
Table 2. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
IGT (1)
VOUT = 12 V, RL = 33 Ω
II - III
Max.
10
mA
VGT
Max.
1.0
V
VGD
VOUT = VDRM, RL = 3.3 kΩ, Tj = 125 °C
II - III
Min.
0.15
V
IH
IOUT = 100 mA
Max.
10
mA
IL
IG = 1.2 x IGT
Max.
25
mA
dV/dt
VOUT = 402 V, gate open, Tj = 125 °C
Min.
2000
V/μs
VOUT = 536 V, gate open, Tj = 125 °C
400
(dI/dt)c
Without snubber (15 V/μs), Tj = 125 °C, turn-off time ≤20 ms
Min.
2
A/ms
VCL
ICL = 0.1 mA, tp = 1 ms
Min.
850
V
1. Minimum IGT is guaranteed at 10% of IGT max.
ACS108-8SA
Characteristics
DS12901 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com