Electronic Components Datasheet Search
  English  ▼

X  

STW70N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW70N65M2
Description  N-channel 650 V, 0.039 Ω typ., 63 A MDmesh™ M2 Power MOSFET in a TO-247 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW70N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STW70N65M2 Datasheet HTML 1Page - STMicroelectronics STW70N65M2 Datasheet HTML 2Page - STMicroelectronics STW70N65M2 Datasheet HTML 3Page - STMicroelectronics STW70N65M2 Datasheet HTML 4Page - STMicroelectronics STW70N65M2 Datasheet HTML 5Page - STMicroelectronics STW70N65M2 Datasheet HTML 6Page - STMicroelectronics STW70N65M2 Datasheet HTML 7Page - STMicroelectronics STW70N65M2 Datasheet HTML 8Page - STMicroelectronics STW70N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 2016
DocID028962 Rev 1
1/12
This is information on a product in full production.
www.st.com
STW70N65M2
N-
channel 650 V, 0.039 Ω typ., 63 A MDmesh™ M2
Power MOSFET in a TO-247 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STW70N65M2
650 V
0.046 Ω
63 A
Extremely low gate charge
Excellent output capacitance (COSS) profile
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packaging
STW70N65M2
70N65M2
TO-247
Tube
TO-247
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STW70N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW70N65DM6 STMICROELECTRONICS-STW70N65DM6 Datasheet
528Kb / 15P
N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
09-Jul-2019
More results

Similar Description - STW70N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF40N65M2 STMICROELECTRONICS-STF40N65M2 Datasheet
441Kb / 13P
N-channel 650 V, 0.087 Ω typ., 32 A MDmesh™ M2 Power MOSFET in a TO-220FP package
09-Feb-2014
STD15N50M2AG STMICROELECTRONICS-STD15N50M2AG Datasheet
793Kb / 16P
Automotive-grade N-channel 500 V, 0.336 Ω typ., 10 A MDmesh™ M2 Power MOSFET in a DPAK package
07-May-2016
STD12N60M2 STMICROELECTRONICS-STD12N60M2 Datasheet
590Kb / 19P
N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package
12-Apr-2019
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
05-May-2016
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
STW30N80K5 STMICROELECTRONICS-STW30N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a TO-247 package
21-Mar-2016
STW68N60M6 STMICROELECTRONICS-STW68N60M6 Datasheet
474Kb / 13P
N-channel 600 V, 35 mΩ typ., 63 A MDmesh™ M6 Power MOSFET in a TO-247 package
05-Nov-2018
STW8N120K5 STMICROELECTRONICS-STW8N120K5 Datasheet
278Kb / 13P
N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-247 package
30-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com