Electronic Components Datasheet Search
  English  ▼

X  

AP4880M Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP4880M
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4880M Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP4880M Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4880M Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4880M Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4880M Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4880M Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4880M Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
25
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.037
-V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=13A
-
-
8.5
mΩ
VGS=4.5V, ID=10A
-
-
15
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=15V, ID=10A
-
20
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=25V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=20V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge
2
ID=13A
-
22.5
-
nC
Qgs
Gate-Source Charge
VDS=15V
-
3.3
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=5V
-
15.4
-
nC
td(on)
Turn-on Delay Time
2
VDS=15V
-
9
-
ns
tr
Rise Time
ID=1A
-
16
-
ns
td(off)
Turn-off Delay Time
RG=6.2Ω,VGS=10V
-
25
-
ns
tf
Fall Time
RD=15Ω
-50
-
ns
Ciss
Input Capacitance
VGS=0V
-
813
-
pF
Coss
Output Capacitance
VDS=25V
-
516
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
224
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=1.3V
-
-
1.92
A
VSD
Forward On Voltage
2
Tj=25℃, IS=2.3A, VGS=0V
-
-
1.3
V
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on 1 in
2 copper pad of FR4 board ; 125 ℃/W when mounted on Min. copper pad.
AP4880M
± 20V
±100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com