Electronic Components Datasheet Search
  English  ▼

X  

AP4880M Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4880M
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4880M Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4880M Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4880M Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4880M Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4880M Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4880M Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4880M Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP4880M
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
V GS =10V
I D =13A
5
7
9
11
13
15
17
19
21
23
234
5678
9
10
11
V GS (V)
I D =13A
T C =25 ℃
℃
℃
℃
0
10
20
30
40
50
01
234
56
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
8.0V
6.0V
5.0V
V GS =4.0V
0
10
20
30
40
50
0123
456
V DS , Drain-to-Source Voltage (V)
T C =150
o C
10V
8.0V
6.0V
5.0V
V GS =4.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com