Electronic Components Datasheet Search
  English  ▼

X  

TDA8139 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA8139
Description  Double (5.1 V and adjustable) voltage regulator with reset and disable functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8139 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA8139 Datasheet HTML 5Page - STMicroelectronics TDA8139 Datasheet HTML 6Page - STMicroelectronics TDA8139 Datasheet HTML 7Page - STMicroelectronics TDA8139 Datasheet HTML 8Page - STMicroelectronics TDA8139 Datasheet HTML 9Page - STMicroelectronics TDA8139 Datasheet HTML 10Page - STMicroelectronics TDA8139 Datasheet HTML 11Page - STMicroelectronics TDA8139 Datasheet HTML 12Page - STMicroelectronics TDA8139 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TDA8139, TDA8139/D
Power dissipation and layout indications
9/14
5
Power dissipation and layout indications
The power is mainly dissipated by the two device buffers. It can be calculated by the
equation:
P = (VIN1-VO1) x IOUT1 + (VIN2-VO2) x IO2
The following table lists the different RthJA values of these packages with or without a
heatsink and the corresponding maximum power dissipation assuming:
Maximum ambient temperature = 70 °C
Maximum junction temperature = 140 °C
Figure 8.
Thermal resistance (junction-to-ambient) of DIP16 package without heatsink
Figure 9.
Metal plate mounted near the TDA8139A for heatsinking
Table 5.
RthJA values with or without heatsinks
Device
Heatsink
RthJA in
°C/W
PMAX in W
TDA8139
No
50
1.4
Yes
20
3.5
TDA8139/D
No
56 to 40
1.25 to 1.75
Yes
32
2.2
Copper area (cm²) (35 µm plus solder) board is face-down
To optimize the thermal conductivity of the
copper layer and the exchanges with the air, the
solder must cover the maximum amount of this
area.
60
40
50
10
12
0
55
45
24
8
6
Test Board with
“On Board” square heat sink area.
Bottom view
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com