Electronic Components Datasheet Search
  English  ▼

X  

TDA8139 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA8139
Description  Double (5.1 V and adjustable) voltage regulator with reset and disable functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8139 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA8139 Datasheet HTML 6Page - STMicroelectronics TDA8139 Datasheet HTML 7Page - STMicroelectronics TDA8139 Datasheet HTML 8Page - STMicroelectronics TDA8139 Datasheet HTML 9Page - STMicroelectronics TDA8139 Datasheet HTML 10Page - STMicroelectronics TDA8139 Datasheet HTML 11Page - STMicroelectronics TDA8139 Datasheet HTML 12Page - STMicroelectronics TDA8139 Datasheet HTML 13Page - STMicroelectronics TDA8139 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechnical data
TDA8139, TDA8139/D
10/14
6
Package mechnical data
Figure 10.
9-pin plastic single in-line package
Table 6.
JEDEC standard package dimensions (9-pin plastic single in-line)
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A7.1
0.280
a1
2.7
3
0.106
0.118
B
24.8
0.976
b1
0.5
0.020
b3
0.85
1.6
0.033
0.063
C
3.3
0.130
c1
0.43
0.017
c2
1.32
0.052
D
21.2
0.835
d1
14.5
0.571
e2.54
0.100
e3
20.32
0.800
L
3.1
1.122
L1
3
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com