Electronic Components Datasheet Search
  English  ▼

X  

ES1G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ES1G
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1G Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ES1G Datasheet HTML 1Page - Pan Jit International Inc. ES1G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1A THRU ES1J
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE - 50 to 600 Volts
CURRENT - 1.0 Ampere
FEATURES
l
For surface mounted applications
l
Low profile package
l
Built-in strain relief
l
Easy pick and place
l
Superfast recovery times for high efficiency
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Glass passivated junction
l
High temperature soldering:
260 ¢J /10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity: Indicated by cathode band
Standard packaging: 12mm tape (EIA-481)
Weight: 0.002 ounce, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave 60Hz resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
ES1A ES1B ES1C ES1D ES1E ES1G ES1J UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
at TL=120 ¢J
I(AV)
1.0
Amps
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load(JEDEC method)
IFSM
30.0
Amps
Maximum Instantaneous Forward Voltage at 1.0A
VF
0.95
1.25
1.7
Volts
Maximum DC Reverse Current TA=25 ¢J
At Rated DC Blocking Voltage TA=100 ¢J
IR
5.0
100
£g A
Maximum Reverse Recovery Time (Note 1)
TRR
35.0
nS
Typical Junction capacitance (Note 2)
CJ
10.0
PF
Typical Thermal Resistance
(Note 3)
R £KJL
35
¢J /W
Operating and Storage Temperature Range
TJ,TSTG
-50 to +150
¢J
NOTES:
1.
Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2.
Measured at 1 MHz and Applied reverse voltage of 4.0 volts
3.
8.0mm
2 (.013mm thick) land areas
SMA/DO-214AC


Similar Part No. - ES1G

ManufacturerPart #DatasheetDescription
logo
Surge Components
ES1G SURGE-ES1G Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1G TRSYS-ES1G Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Jinan Gude Electronic D...
ES1G JGD-ES1G Datasheet
190Kb / 3P
1.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES1G SSE-ES1G Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Dc Components
ES1G DCCOM-ES1G Datasheet
391Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES1G

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
SURFACE MOUNT SUPERFAST RECTIFIER
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com