Electronic Components Datasheet Search
  English  ▼

X  

ES1G Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ES1G
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1G Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ES1G Datasheet HTML 1Page - Pan Jit International Inc. ES1G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
ES1A THRU ES1J
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
2.0
1.0
25
50
75
100 125 150 175
SINGLE PHASE HALF WAVE
RESISTIVE OR INDUCTIVE
P.C.B MOUNTED ON
0.315×0.315"(8.0×8.0mm)
PAD AREAS
LEAD TEMPERATURE, ¢J
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND
TEST CIRCUIT DIAGRAM
Fig. 2-MAXIMUM AVERAGE FORWARD
CURRENT RATING
1000
100
10
1
0.1
20
40
60
80
100
120
TJ = 25¢J
T
J = 125 ¢J
T
J = 75¢J
% OF PIV. VOLTS
10
1
0.1
0.01
0.001
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ES1E
ES1A
ES1J
TJ = 25 ¢J
INSTANTANEOUS FORWARD VOLTAGE VOLTS
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-TYPICAL FORWARD CHARACTERISTICS
30
25
20
15
10
5
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE WAVE
JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
14
12
10
8.0
6.0
4.0
2.0
.1
1
10
100
TJ = 25¢J
f = 1.0MHz
Vsig = 50mVp-p
REVERSE VOLTAGE, VOLTS
Fig. 5-MAXIMUM NON-REPETITIVE SURGE
CURRENT
Fig. 6-TYPICAL JUNCTION CAPACITANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com