Electronic Components Datasheet Search
  English  ▼

X  

NGRUS170 Datasheet(PDF) 8 Page - Littelfuse

Part # NGRUS170
Description  Neutral Grounding Resistor System , NGR SERIES – US
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NGRUS170 Datasheet(HTML) 8 Page - Littelfuse

  NGRUS170 Datasheet HTML 1Page - Littelfuse NGRUS170 Datasheet HTML 2Page - Littelfuse NGRUS170 Datasheet HTML 3Page - Littelfuse NGRUS170 Datasheet HTML 4Page - Littelfuse NGRUS170 Datasheet HTML 5Page - Littelfuse NGRUS170 Datasheet HTML 6Page - Littelfuse NGRUS170 Datasheet HTML 7Page - Littelfuse NGRUS170 Datasheet HTML 8Page - Littelfuse NGRUS170 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Littelfuse.com
© 2020 Littelfuse, Inc.
Rev: 1-B-031920
8 of 9
Protection Relays & Controls
NGR SERIES – US
Specifications: 480 V NGR Systems
Voltage
480 V line-to-line, 277 V line-to-neutral
Let-Through Current
2 A or 5 A
Resistance
138.5 Ω (2 A) or 55.4 Ω (5 A)
Tolerance
+/- 10 % resistance
Duty Cycle
Continuous rated
Current Transformer
ELCT5-31:
For use with SE-330 NGR Monitor
Turns Ratio: 100:1
Current Rating: 5:0.05 A
Primary Rating with SE-330: 5 A when
connected to terminals 8 and 11
GF Trip Range: 100 mA to 5 A
Window Diameter: 31 mm (1.22”)
CT200:
For use with SE-325 NGR Monitor
Turns Ratio: 200:5
Current Rating: 200:5 A
GF Trip Range: 0.5, 2.0, 4.0 A
Window Diameter: 56 mm (2.2")
Sensing Resistor
ER-600VC; Optional installation in NEMA 4
enclosure for outdoor applications
Insulation Level
11 KV BIL
Temperature Rise
385 °C (725 °F)
Resistor Type
Stainless steel wire wound
Dimensions
Refer to dimensions drawings
Weight
23 kg (50 lbs)
Altitude
0–2000 masl
Enclosure Style
NEMA 3R, galvanized steel
Finish
Powder coated
Color
ANSI 61 grey
Mounting
Floor mount
Siesmic Bracing
Included
Approvals
cULus or CSA at customer request
Warranty
12 months in service or 18 months from the
date of shipment whichever occurs first
Specifications: 600 V NGR Systems
Voltage
600 V line-to-line, 347 V line-to-neutral
Let-Through Current
2 A or 5 A
Resistance
174 Ω (2 A) or 69 Ω (5 A)
Tolerance
+/- 10 % resistance
Duty Cycle
Continuous rated
Frequency
50–60 Hz
Current Transformer
ELCT5-31:
For use with SE-330 NGR Monitor
Turns Ratio: 100:1
Current Rating: 5:0.05 A
Primary Rating with SE-330: 5 A when
connected to terminals 8 and 11
GF Trip Range: 100 mA to 5 A
Window Diameter: 31 mm (1.22”)
CT200:
For use with SE-325 NGR Monitor
Turns Ratio: 200:5
Current Rating: 200:5 A
GF Trip Range: 0.5, 2.0, 4.0 A
Window Diameter: 56 mm (2.2")
Sensing Resistor
ER-600VC; Optional installation in NEMA 4
enclosure for outdoor applications
Insulation Level
11 KV BIL
Temperature Rise
385 °C (725 °F)
Resistor Type
Stainless steel wire wound
Dimensions
Refer to dimensions drawings
Weight
23 kg (50 lbs)
Altitude
0–2000 masl
Enclosure Style
NEMA 3R, galvanized steel
Finish
Powder coated
Color
ANSI 61 grey
Mounting
Floor mount
Siesmic Bracing
Included
Approvals
cULus or CSA at customer request
Warranty
12 months in service or 18 months from the
date of shipment whichever occurs first



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com