Electronic Components Datasheet Search
  English  ▼

X  

NGRUS170 Datasheet(PDF) 1 Page - Littelfuse

Part # NGRUS170
Description  Neutral Grounding Resistor System , NGR SERIES – US
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NGRUS170 Datasheet(HTML) 1 Page - Littelfuse

  NGRUS170 Datasheet HTML 1Page - Littelfuse NGRUS170 Datasheet HTML 2Page - Littelfuse NGRUS170 Datasheet HTML 3Page - Littelfuse NGRUS170 Datasheet HTML 4Page - Littelfuse NGRUS170 Datasheet HTML 5Page - Littelfuse NGRUS170 Datasheet HTML 6Page - Littelfuse NGRUS170 Datasheet HTML 7Page - Littelfuse NGRUS170 Datasheet HTML 8Page - Littelfuse NGRUS170 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Littelfuse.com
© 2020 Littelfuse, Inc.
Rev: 1-B-031920
1 of 9
Protection Relays & Controls
NGR SERIES – US
Description
High-resistance grounding prevents many of the problems
that are associated with ungrounded and solidly grounded
electrical distribution and utilization systems. High-resistance
grounding can limit point-of-fault damage, eliminate transient
overvoltages, reduce the arc-flash hazards, limit voltage
exposure to personnel, and provide adequate tripping levels
for selective current-based ground-fault detection and
coordination.
The Littelfuse Neutral Grounding Resistor System is a
neutral grounding resistor (NGR), current transformer, and
sensing resistor installed in a NEMA 3R enclosure used to
high-resistance ground transformers and generators. The
NGR system is designed for use with Littelfuse Neutral
Grounding Resistor Monitors for complete system grounding
and grounding protection.
The NGR series – US systems are designed for use in US
applications and all other parts of the world, not including
Canada. For applications in Canada, please use the NGR
series – Canada.
Applications
High-resistance grounding is applied on transformers and
generators where safety and continuity of service are
important. A faulted feeder may remain in operation until it
is safe to repair the fault, where allowed by the local
electrical code.
Features
Enclosure
The NGR Series – US comes pre-installed in a
ventilated NEMA 3R galvanized steel enclosure
and components are pre-wired to terminals for
ease of installation. Back view shown on left.
ER Series Sensing Resistor
Use with the SE-325 or the SE-330 to continuously monitor
the continuity of a neutral-grounding resistor and eliminate
hazardous voltage levels at the relay.


ER-600VC is designed for use on systems up
to 600 V for indoor applications. Available in
optional moisture-proof enclosure (shown on
left) for outdoor applications.


ER-5KV for use on systems up to 4160 V for
indoor applications.


ER-5WP is designed for use on systems up
to 4160 V and comes with weather-protected
terminals for outdoor installations.
Earth-Fault Current Transformer
Used with the SE-325 or the SE-330 to measure ac current
flowing through the NGR for use with the continuity
monitoring circuit and to detect ground faults.


ELCT5-31 used with SE-330 for 5 A
and 10 A NGRs.


SE-CS10-2.5 used with SE-330 for 10 A
and 15 A NGRs.


CT200 used with the SE-325 for all
applications.


5SHT-101-E (not shown) used with SE-330 for
25 A NGRs.
Benefits


Eliminate phase-to-ground arc-flash incidents


Eliminate transient overvoltages


Reduce point-of-fault damage


Can provide continuity of service during a ground fault


Includes current transformer and ER series sensing
resistor for use with Littelfuse monitoring relay and for
ease of installation.
Neutral Grounding Resistor System
OR


Similar Part No. - NGRUS170

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NGR VISHAY-NGR Datasheet
209Kb / 4P
Reliable Neutral Grounding Resistors, High Current Grid Resistors
27-Feb-18
logo
Littelfuse
NGR LITTELFUSE-NGR Datasheet
989Kb / 6P
NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
NGR1036 LITTELFUSE-NGR1036 Datasheet
989Kb / 6P
NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
NGR1038 LITTELFUSE-NGR1038 Datasheet
989Kb / 6P
NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
NGR1041 LITTELFUSE-NGR1041 Datasheet
989Kb / 6P
NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
More results

Similar Description - NGRUS170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HXT5UZ1A ETC-HXT5UZ1A Datasheet
141Kb / 2P
Ultra Slim TV Tuner for NTSC-US System
logo
Fairchild Semiconductor
AN-42036 FAIRCHILD-AN-42036 Datasheet
149Kb / 3P
PCB Grounding System and High Performance DC-DC Converters
logo
List of Unclassifed Man...
GRL-501S ETC-GRL-501S Datasheet
120Kb / 3P
NEUTRAL GROUNDING RESISTORS LOAD BANKS
logo
Littelfuse
SE-325 LITTELFUSE-SE-325 Datasheet
346Kb / 1P
The SE-325 Neutral-Grounding-Resistor Monitor
SE-330AU LITTELFUSE-SE-330AU Datasheet
2Mb / 42P
NEUTRAL-EARTHING-RESISTOR MONITOR
logo
Vishay Siliconix
NGR VISHAY-NGR Datasheet
209Kb / 4P
Reliable Neutral Grounding Resistors, High Current Grid Resistors
27-Feb-18
logo
PANDUIT CORP.
CMR19X84 PANDUIT-CMR19X84 Datasheet
286Kb / 2P
STRUCTUREDGROUND??Grounding System Kits for 2 Post Racks
3/2007
GUBC500-6 PANDUIT-GUBC500-6 Datasheet
950Kb / 8P
StructuredGround ??Direct Burial Compression Grounding System
9/2015
logo
Littelfuse
NGR LITTELFUSE-NGR Datasheet
989Kb / 6P
NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
NGRM-ENC LITTELFUSE-NGRM-ENC Datasheet
349Kb / 2P
NEUTRAL-GROUNDING-RESISTOR MONITORING , NGRM-ENC SERIES
2022 Rev: 4-E-081022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com