Electronic Components Datasheet Search
  English  ▼

X  

FTK6207SP Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK6207SP
Description  12V, 4.0 mΩ, 8.5A, Dual N-Channel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6207SP Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK6207SP Datasheet HTML 1Page - First Silicon Co., Ltd FTK6207SP Datasheet HTML 2Page - First Silicon Co., Ltd FTK6207SP Datasheet HTML 3Page - First Silicon Co., Ltd FTK6207SP Datasheet HTML 4Page - First Silicon Co., Ltd FTK6207SP Datasheet HTML 5Page - First Silicon Co., Ltd FTK6207SP Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FTK6207SP
Notes:
1.Mounted onFR4 board(25.4mm
25.4mm
t1.0mm) using the minimum
recommended pad size(36um Copper).
2.t= 10us , DutyCycle≤1 %. 3.Measurement circuitfor td(on)/tr/td(off)/tf,whenFET1is
measured,G2and S2are short-circuited.
2020.10.05
Revision No : O
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com