Electronic Components Datasheet Search
  English  ▼

X  

FTK6207SP Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK6207SP
Description  12V, 4.0 mΩ, 8.5A, Dual N-Channel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6207SP Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK6207SP Datasheet HTML 1Page - First Silicon Co., Ltd FTK6207SP Datasheet HTML 2Page - First Silicon Co., Ltd FTK6207SP Datasheet HTML 3Page - First Silicon Co., Ltd FTK6207SP Datasheet HTML 4Page - First Silicon Co., Ltd FTK6207SP Datasheet HTML 5Page - First Silicon Co., Ltd FTK6207SP Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Symbol
Value
Units
Thermal Resistance( j-a)
RΘJA
75
℃/W
Note2 : Surface mounted on ceramic substrate( 5000
㎟ × 0.8㎜)
Parameter
Symbol
Test Condition
Min. Typ. Max. Unit
Source to Source
Breakdown Voltage
V(BR)SSS
IS = 1 mA, VGS = 0 V
( Test Circuit 1)
12
V
Zero Gate Voltage
Source Current
ISSS
VGS = 10V, VSS = 0 V
( Test Circuit 1)
1
㎂
Gate To Source
Leakage Current
IGSS
VGS = ±8V, VSS = 0 V
( Test Circuit 2)
±10
㎂
Gate Threshold Voltage
V(GS)th
IS = 250㎂, VSS =10V
( Test Circuit 3)
0.4 0.95 1.4
V
Static Source to Source
On-State Resistance
RSS(on)
IS = 4.0 A, VGS = 4.5 V
( Test Circuit 4)
2.6
4.0
5.0
mΩ
IS = 4.0 A, VGS = 3.8 V
( Test Circuit 4)
2.8
4.3
5.5
IS = 4.0 A, VGS = 3.1 V
( Test Circuit 4)
3.2
4.9
6.5
IS = 4.0 A, VGS = 2.5 V
( Test Circuit 4)
3.8
6.8 10.5
Turn On Delay Time
td(on)
VSS = 10 V, VGS = 4.0V
,RL = 2.5Ω
( Test Circuit 5)
0.5
㎲
Rise Time
tr
1.3
Turn-Off Delay Time
td(OFF)
3.3
Fall Time
tf
3.2
Total Gate Charge
Qg
VSS = 10 V VGS =8 V,
IS = 4.0 A
( Test Circuit 6)
32
nC
Forward Source to Source
Voltage
VF(S-S)
IF = 6.0 A, VGS = 0 V
( Test Circuit 7)
1.5
V
Electrical Characteristics ( 25℃ )
Thermal Resistance Ratings
Note3 : Product parametric performance is indicated in the electrical characteristics for the listed
test condition , unless otherwise noted product performance may not be indicated by the
electrical characteristics if operated under different condition
FTK6207SP
2020.10.05
Revision No : O
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com