Electronic Components Datasheet Search
  English  ▼

X  

APT100S20B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT100S20B
Description  HIGH VOLTAGE SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100S20B Datasheet(HTML) 2 Page - Microsemi Corporation

  APT100S20B Datasheet HTML 1Page - Microsemi Corporation APT100S20B Datasheet HTML 2Page - Microsemi Corporation APT100S20B Datasheet HTML 3Page - Microsemi Corporation APT100S20B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT100S20B
DYNAMIC CHARACTERISTICS
THERMAL AND MECHANICAL CHARACTERISTICS
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
1 Countinous current limited by package lead temperature.
MIN
TYP
MAX
-
70
-
230
-6-
-
110
-
690
-11-
-95
-
1750
-32
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F = 100A, diF/dt = -200A/µs
V
R = 133V, TC = 25°C
I
F = 100A, diF/dt = -200A/µs
V
R = 133V, TC = 125°C
I
F = 100A, diF/dt = -700A/µs
V
R = 133V, TC = 125°C
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
Note:
Duty Factor D = t1/t2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Package Weight
Maximum Mounting Torque
Symbol
R
θJC
W
T
Torque
MIN
TYP
MAX
.18
0.22
5.9
10
1.1
UNIT
°C/W
oz
g
lb•in
N•m
0.00817
0.0174
0.0593
0.00514
0.00242
0.0158
Dissipated Power
(Watts)
T
J (C)
T
C (C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
0.095
0.384
D = 0.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com