Electronic Components Datasheet Search
  English  ▼

X  

BC66SS025FF Datasheet(PDF) 18 Page - Bel Fuse Inc.

Part # BC66SS025FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC66SS025FF Datasheet(HTML) 18 Page - Bel Fuse Inc.

Back Button BC66SS025FF Datasheet HTML 14Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 15Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 16Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 17Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 18Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 19Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 20Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 21Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 22Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
Cable Catalog
M12 X-Code Cable Assemblies
Bel Part Number
Category
Connector End A
Connector End B
Lengths Available
ft
m
BM-MAMM007F
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
7ft
2.13m
BM-MAMM010F
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
10ft
3.04m
BM-MAMM015F
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
15ft
4.57m
BM-MAMM030F
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
30ft
9.14m
BM-MAMM010M
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
3.28ft
1m
BM-MAMM020M
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
6.56ft
2m
BM-MAMM030M
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
9.84ft
3m
BM-MAMM050M
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
16.40ft
5m
BM-MAMM100M
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
32.80ft
10m
BM-MBMM003F
Cat 5e
M12 X-Code Male Plug
M12 X-Code Male Plug
3ft
0.91m
BM-MBMM005F
Cat 5e
M12 X-Code Male Plug
M12 X-Code Male Plug
5ft
1.52m
BM-MBMM007F
Cat 5e
M12 X-Code Male Plug
M12 X-Code Male Plug
7ft
2.13m
BM-MBMM010F
Cat 5e
M12 X-Code Male Plug
M12 X-Code Male Plug
10ft
3.04m
BM-MBMM010M
Cat 5e
M12 X-Code Male Plug
M12 X-Code Male Plug
3.28ft
1m
BM-MBMM020M
Cat 5e
M12 X-Code Male Plug
M12 X-Code Male Plug
6.56ft
2m
BM-MBMM030M
Cat 5e
M12 X-Code Male Plug
M12 X-Code Male Plug
9.84ft
3m
BM-MBMM050M
Cat 5e
M12 X-Code Male Plug
M12 X-Code Male Plug
16.40ft
5m
BM-MBMM100M
Cat 5e
M12 X-Code Male Plug
M12 X-Code Male Plug
32.80ft
10m
BM-MAMD010M
Cat 6a
M12 X-Code Male Plug
Free End
3.28FT
1m
BM-MAMD020M
Cat 6a
M12 X-Code Male Plug
Free End
6.56FT
2m
BM-MAMD050M
Cat 6a
M12 X-Code Male Plug
Free End
16.40FT
5m
BM-MAMD100M
Cat 6a
M12 X-Code Male Plug
Free End
32.8FT
10m
BM = Cable Assembly Family
A = Cat 6a, Teal SF/UTP TPE Cable
B = Cat 5e, Teal SF/UTP TPE Cable
M12 X-Code Cable Assembly Series
Part Number
Cable Type
M = M12 X-Code Male Plug Assembled Type
Connector End A
F = Feet
M = Meters
UOM
003F = 3ft
005F = 5ft
007F = 7ft
010F = 10ft 010M = 1m 020M = 2m
030M = 3m 050M = 5m 100M = 10m
Length
F
XXX
B M
M
A
M M
M = M12 X-Code Male Plug Assembled
R = Shielded, Over Molded RJ45 Male
Plug with Latch Protector
D = Free End
Connector End B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com