Electronic Components Datasheet Search
  English  ▼

X  

BC66SS025FF Datasheet(PDF) 24 Page - Bel Fuse Inc.

Part # BC66SS025FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC66SS025FF Datasheet(HTML) 24 Page - Bel Fuse Inc.

Back Button BC66SS025FF Datasheet HTML 18Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 19Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 20Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 21Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 22Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 23Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 24Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 25Page - Bel Fuse Inc. BC66SS025FF Datasheet HTML 26Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24
3.5mm Audio Cables
Cable Catalog
Description
Bel’s 3.5mm audio cables offer connection solutions for audio devices with a 3.5mm connector. Bel’s 3.5mm audio
cables are compatible with smartphones, tablets, laptops, TVs, and other audio devices that are equipped with 3.5mm
connectors. Bel offers 3.5mm male to male assemblies, 3.5mm male to female audio extension cables, and additionally
3.5mm male to a tinned lead free end. The 3.5mm audio extension cable is an ideal solution to both extend the length
of a 3.5mm audio cable and protect 3.5mm AUX ports on audio devices from constant use. Bel’s audio cables are
assembled with RoHS compliant materials.
Bel Part Number
Connector End A
Connector End B
Lengths
ft
m
BC-A3MM003F
Male 3.5mm 3pin Stereo Plug
Male 3.5mm 3pin Stereo Plug
3ft
0.91m
BC-A3MM006F
Male 3.5mm 3pin Stereo Plug
Male 3.5mm 3pin Stereo Plug
6ft
1.82m
BC-A3MF006F
Male 3.5mm 3pin Stereo Plug
Female 3.5mm 3pin Stereo Plug
6ft
1.82m
BC-A3ML006F
Male 3.5mm 3pin Stereo Plug
Tinned Lead Free End
6ft
1.82m
BC = Cable Assembly Family
3 = 3 Pin Stereo Connector
F
XXX
BC
A
A = 3.5mm Audio Cable
Connector Performance
Part Number
Type
3
Length
F = Feet
UOM
M
M = Male 3.5mm 3pin Stereo Plug
Connector End A
003F = 3ft
006F = 6ft
F
F = Female 3.5mm 3pin Stereo Plug
M = Male 3.5mm 3pin Stereo Plug
L = Leads
Connector End B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com