Electronic Components Datasheet Search
  English  ▼

X  

L320DS Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # L320DS
Description  Linear Shaft Motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

L320DS Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  L320DS Datasheet HTML 1Page - Nippon Pulse America, Inc. L320DS Datasheet HTML 2Page - Nippon Pulse America, Inc. L320DS Datasheet HTML 3Page - Nippon Pulse America, Inc. L320DS Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.nipponpulse.com
Forcer Specs
L320SS
L320DS
L320TS
L320QS
Forcer Length (A)
50mm (1.97in)
80mm (3.15in)
110mm (4.33in)
140mm (5.51in)
Forcer Width
60mm (2.36in)
Forcer Screw Pitch (P)
40mm (1.57in)
70mm (2.8in)
100mm (3.94in)
130mm (5.12in)
Forcer Weight
0.44kg (0.97lbs)
0.68kg (1.50lbs)
0.98kg (2.16lbs)
1.2kg (2.65lbs)
Gap
2.5mm (0.1in)
Note: Cable length 300mm. The bending radius of the motor cable should be 36.6mm (wire diameter 6.1 * 6) as suggested
by the wire manufacturer. This radius should be maintained. Use supplied connector to attach the proper high-flex cable as
required by your application.
L = See Shaft Length
L1 = Usable Stroke + A
L2 = See Support Length
A = See Forcer Length
P = See Forcer Screw Pitch
Tolerances are as follows:
Dimension (mm)
0 -
6
7 - 30
31 - 120
121 - 315
316 - 1000
1001 - 2000
2000 -
Tolerance (mm)
±0.1
±0.2
±0.3
±0.5
±0.8
±1.2
±1.5
Unless otherwise specified,
dimensions are in mm
Stroke
Support Length (L2)
Max. Bending
0~850
50mm
0.00mm
900~1650
70mm
0.30mm
1700~max
100mm
0.70mm
Support and Bending
Note: Metric units guaranteed. Imperial (United States customary) units are calculated.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com