Electronic Components Datasheet Search
  English  ▼

X  

L320DS Datasheet(PDF) 3 Page - Nippon Pulse America, Inc.

Part # L320DS
Description  Linear Shaft Motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

L320DS Datasheet(HTML) 3 Page - Nippon Pulse America, Inc.

  L320DS Datasheet HTML 1Page - Nippon Pulse America, Inc. L320DS Datasheet HTML 2Page - Nippon Pulse America, Inc. L320DS Datasheet HTML 3Page - Nippon Pulse America, Inc. L320DS Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.nipponpulse.com
Linear Shaft Motor Part Numbering Guide (SS Series)
Usable Stroke is = L - (L2 * 2) - (A * # of forcers)
SS
Single winding small forcer
DS
Double winding small forcer
TS
Triple winding small forcer
QS
Quadruple winding small forcer
Blank Standard
_S Alternate Winding
Assigned by factory
based on customer
needs
XX Shaft diameter
in mm *10
L Large Air Gap
250
320
350
XX Usable stroke
in millimeters
only needed if
ordering shaft
Part Numbering Example
L350SS-1500st-03: Large air gap, 35mm shaft diameter, single
winding, small forcer, stroke of 1500mm, three forcers
Two or more forcers
(only for SS series)
Blank Standard
FO Forcer Only
SO Shaft Only
Shaft Size (D)
Forcer Size (A)
Alt. Winding
Usable Stroke
Options
Options
# of Forcers
L
X
XX
XXXXst
XX
XX
XX
WP
Waterproof
HA
Digital Hall Effect
CE
CE type motor
FG
Frameground
only needed if ordering forcer
Example: For a L320SS-2500st-05
Usable stroke = 2500
L = 2950
L2 = 100
A = 50
# of Forcers = 5
Usable stroke =
= 2950 - (100 * 2) - (50 * 5)
= 2950 - 200 - 250
= 2500
THM Option
Thermocouple
Thermal sensor
Thermocouple K type (marked each phase name)
Attached to the surface of inside of coil
Length 3000mm
For assistance in selecting the best motor for your application, contact Nippon Pulse
to speak with an applications engineer. 1-540-633-1677



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com