Electronic Components Datasheet Search
  English  ▼

X  

S040 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # S040
Description  Linear Shaft Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S040 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  S040 Datasheet HTML 1Page - Nippon Pulse America, Inc. S040 Datasheet HTML 2Page - Nippon Pulse America, Inc. S040 Datasheet HTML 3Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.nipponpulse.com
Stroke
Support Length (L2)
Max. Bending
All
5mm
0mm
Support and Bending
Wire Type
UL 1430
Wire AWG
28
U Phase
Red
V Phase
White
W Phase
Black
Lead Wire
300mm lead wire bare leads. The
bending radius of the motor cable
should be 10.72mm as suggested
by the wire manufacturer.
Label
Gap
Mounting Surface
Motor Cable
Length
Bending
Radius
dep
Total Length
Movable Range
Forcer Length
Forcer Screw Pitch
Stroke
Support Length
Yellow Mark
Reference End
Bore
Coil End
Receptacle Housing
XMR-03V
Plug Housing
XMP-03V
Retainer
XMS-03V
Pin Contact
SXM-001T-P0.6
Socket Contact
SXA-001T-P0.6
Connector (Motor Cable)
To be installed by the user.
Note: Cable length 300mm.
The bending radius of the motor cable should be 10.72 mm (wire diameter 1.34 * 8) as suggested by the wire manufacturer. This radius should be maintained.
Use supplied connector to attach the proper high-flex cable as required by your application.
L = See Shaft Length
L1 = Usable Stroke + A
L2 = See Support Length
A = See Forcer Length
P = See Forcer Screw Pitch
Tolerances are as follows:
Dimension (mm)
0 -
6
7 - 30
31 - 120
121 - 315
316 - 1000
1001 - 2000
2000 -
Tolerance (mm)
±0.1
±0.2
±0.3
±0.5
±0.8
±1.2
±1.5
Unless otherwise specified,
dimensions are in mm
For assistance in selecting the best motor for your application, contact Nippon Pulse
to speak with an applications engineer. 1-540-633-1677
Stroke
S040D
S040T
S040Q
S040X
20
55mm (2.2in)
64mm (2.5in)
73mm (2.9in)
109mm (4.3in)
30
65mm (2.6in)
74mm (2.9in)
83mm (3.3in)
119mm (4.7in)
40
75mm (3.0in)
84mm (3.3in)
93mm (3.7in)
129mm (5.1in)
Shaft Length (L)
Shaft Diameter - 4mm ±0.1
Additional stroke lengths are available (up to 250mm for S040D, and up to
200mm for S040T, S040Q, S040X). Contact Nippon Pulse for more information.
Stroke
S040D
S040T
S040Q
S040X
20
5.5g (0.19oz)
6.4g (0.23oz)
7.3g (0.26oz)
10.9g (0.38oz)
30
6.5g (0.23oz)
7.4g (0.26oz)
8.3g (0.29oz)
11.9g (0.42oz)
40
7.5g (0.26oz)
8.4g (0.3oz)
9.3g (0.33oz)
12.9g (0.46oz)
Shaft Mass
Spec
S040T
S040Q
Forcer Spacing Distance
2mm
Pole (N/S) Distance
9mm
Forcer Length
34mm
43mm
Flip Forcers
No
Yes
Forcer Spacing Distance
Tandem S040D forcers are
possible, but are equivalent
to one (1) S040Q forcer and
thus are not listed.
Forcer Spacing Distance
Tandem Forcer
Note: Metric units guaranteed. Imperial (United States customary)
units are calculated.
Thermal Specs
S040D
S040T
S040Q
S040X
Max Phase Temperature4
135°C (275°F)
Thermal Resistance (Coil) (K
q)
125.3°C/W
83.5°C/W
62.6°C/W
31.3°C/W
4
The standard temperature difference between the coil and the forcer surface is 10°C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com