Electronic Components Datasheet Search
  English  ▼

X  

S040 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # S040
Description  Linear Shaft Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S040 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  S040 Datasheet HTML 1Page - Nippon Pulse America, Inc. S040 Datasheet HTML 2Page - Nippon Pulse America, Inc. S040 Datasheet HTML 3Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electrical Specs
S040D
S040T
S040Q
S040X
Continuous Force1
0.29N (0.07lbs)
0.45N (0.10lbs)
0.58N (0.13lbs)
0.94 (0.22lbs)
Continuous Current1
0.3Arms
0.6Arms
Acceleration Force2
1.2N (0.27lbs)
1.8N (0.40lbs)
2.3N (0.52lbs)
3.8N (0.86lbs)
Acceleration Current2
1.1Arms
2.2Arms
Force Constant (K
f)
1.0N/amp (0.23lbs/amp)
1.6N/amp (0.37lbs/amp)
2.1N/amp (0.47lbs/amp)
1.7N/amp (0.39lbs/amp)
Back EMF (K
e)
0.4V/m/s (0.01V/in/s)
0.5V/m/s (0.01V/in/s)
0.7V/m/s (0.02V/in/s)
0.6V/m/s (0.02V/in/s)
Resistance 25°C,3
11.2
Ω
16.8
Ω
22.4
Ω
11.2
Ω
Inductance3
0.5mH
0.7mH
1.0mH
0.5mH
Electric Time Constant
0.045ms
0.042ms
0.044ms
0.045ms
Fundamental Motor Constant (K
m)
0.31N
√W
0.39N
√W
0.44N
√W
0.50N
√W
Magnetic Pitch (North-North)
18mm (0.71in)
S040
Linear Shaft Motor
Nippon Pulse
Your Partner in Motion Control
Visit nipponpulse.com to download 3D CAD drawings and 2D prints of this motor.
Is this the proper Linear Shaft Motor for your application? Use our SMART sizing program to assist in your decision.
This motor can be customized to fit your application demands; contact your application engineer for more information.
1
Based on a temp rise of coil surface of 110°K over 25°C ambient temperature stalled forcer, and no external cooling or heat sinking.
2
Can be maintained for a maximum of 40 seconds. Higher forces and current possible for short periods of time, contact Nippon Pulse for more information.
3
All winding parameters listed are measured line-to-line (phase-to-phase).
www.nipponpulse.com
Bus Voltage
Part Numbering System
D: Double (2) windings
T: Triple (3) windings
Q: Quadruple (4) windings
20, 30, 40
Blank: Standard
PL: Parallel
Motors
Blank: Standard
FO: Forcer Only
SO: Shaft Only
—
—
—
Shaft Size
Forcer Size (A)
Parallel Option
Usable Stroke (S)
Options
S
X
XX
XXXXst
XX
040
—
These motors have not received a CE Declaration of Conformity, and as such are designated FGA.
Forcer Specs
S040D
S040T
S040Q
S040X
Forcer Length (A)
25mm (0.98in)
34mm (1.34in)
43mm (1.69in)
79mm (3.1in)
Forcer Width
10mm (0.39in)
Forcer Screw Pitch (P)
21.5mm (0.85in)
30.5mm (1.20in)
39.5mm (1.56in)
75.5mm (2.97in)
Forcer Weight
9g (0.02lb)
11g (0.02lb)
14g (0.03lb)
35g (1.23oz)
Gap
0.50mm (0.02in)
Screw
M3
Tightening Torque
0.17 Nm


Similar Part No. - S040

ManufacturerPart #DatasheetDescription
logo
API Delevan
S0402 API-S0402 Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-10NJ API-S0402-10NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-12NJ API-S0402-12NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-15NJ API-S0402-15NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-22NJ API-S0402-22NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
More results

Similar Description - S040

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
L160 NPM-L160 Datasheet
814Kb / 5P
Linear Shaft Motor
L250 NPM-L250 Datasheet
930Kb / 5P
Linear Shaft Motor
L250XS NPM-L250XS Datasheet
997Kb / 4P
Linear Shaft Motor
L320 NPM-L320 Datasheet
901Kb / 5P
Linear Shaft Motor
L320XS NPM-L320XS Datasheet
839Kb / 4P
Linear Shaft Motor
L350XS NPM-L350XS Datasheet
850Kb / 4P
Linear Shaft Motor
S120 NPM-S120 Datasheet
795Kb / 4P
Linear Shaft Motor
S200 NPM-S200 Datasheet
872Kb / 5P
Linear Shaft Motor
S320 NPM-S320 Datasheet
887Kb / 5P
Linear Shaft Motor
S605 NPM-S605 Datasheet
939Kb / 5P
Linear Shaft Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com