Electronic Components Datasheet Search
  English  ▼

X  

S160 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # S160
Description  Linear Shaft Motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S160 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  S160 Datasheet HTML 1Page - Nippon Pulse America, Inc. S160 Datasheet HTML 2Page - Nippon Pulse America, Inc. S160 Datasheet HTML 3Page - Nippon Pulse America, Inc. S160 Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wire Type
UL 1330
Wire AWG
20
Frame Ground
Green/Yellow
FG/FGA Type Motor Cable
www.nipponpulse.com
Hall Effect Specs
Wire Type
UL 758
Wire AWG
28
VCC
White/Red
GND
White/Black
Sensor 1
Orange/Red
Sensor 2
Orange/Black
Sensor 3
Gray/Red
The bending radius of the
sensor cable should be R
27.6mm (wire diameter 4.4 *
6) as suggested by the wire
manufacturer.
This
radius
should be maintained. Attach
the proper high flex cable as
required by your application.
Sensor Cable Specs
Note:The bending radius of the motor cable
should be R 26.4mm (wire diameter 4.6 * 6)
as suggested by the wire manufacturer. This
radius should be maintained. Use supplied
connector to attach the proper high-flex
cable as required by your application.
Serial Number
Mounting Surface
Label
Gap
Bore
Motor Cable
Length
Support Length
Total Length
Movable Range
Forcer Length
Forcer Screw Pitch
Stroke Length
Bending
Radius
dep
Reference End
Yellow Mark
Note: Cable length 300mm. The bending radius
of the motor cable should be 26.4mm (wire
diameter 4.3 * 6) as suggested by the wire
manufacturer. This radius should be maintained.
Use supplied connector to attach the proper
high-flex cable as required by your application.
L = See Shaft Length
L1 = Usable Stroke + A
L2 = See Support Length
A = See Forcer Length
P = See Forcer Screw Pitch
Tolerances are as follows:
Dimension (mm)
0 -
6
7 - 30
31 - 120
121 - 315
316 - 1000
1001 - 2000
2000 -
Tolerance (mm)
±0.1
±0.2
±0.3
±0.5
±0.8
±1.2
±1.5
Unless otherwise specified,
dimensions are in mm
Forcer Specs
S160D
S160T
S160Q
Forcer Length (A)
80mm (3.15in)
110mm (4.33in)
140mm (5.51in)
Forcer Width
30mm ±0.3 (1.18in)
Forcer Screw Pitch (P)
70mm (2.76in)
100mm (3.94in)
130mm (5.12in)
Forcer Weight
0.15kg (0.33lbs)
0.20kg (0.44lbs)
0.30kg (0.66lbs)
Gap
0.50mm (0.02in)
Screw
M3
Tightening torque
0.63 Nm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com