Electronic Components Datasheet Search
  English  ▼

X  

S160 Datasheet(PDF) 3 Page - Nippon Pulse America, Inc.

Part # S160
Description  Linear Shaft Motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S160 Datasheet(HTML) 3 Page - Nippon Pulse America, Inc.

  S160 Datasheet HTML 1Page - Nippon Pulse America, Inc. S160 Datasheet HTML 2Page - Nippon Pulse America, Inc. S160 Datasheet HTML 3Page - Nippon Pulse America, Inc. S160 Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Stroke
S160D
S160T
S160Q
100
230mm (9.1in)
260mm (10.2in)
290mm (11.4in)
150
280mm (11.0in)
310mm (12.2in)
340mm (13.4in)
200
330mm (3.0in)
360mm (14.2in)
390mm (15.4in)
250
380mm (15.0in)
410mm (16.1in)
440mm (17.3in)
300
430mm (16.9in)
460mm (18.1in)
490mm (19.3in)
350
480mm (18.9in)
510mm (20.1in)
540mm (21.3in)
400
560mm (22.1in)
590mm (23.2in)
620mm (24.4in)
450
610mm (24.0in)
640mm (25.2in)
670mm (26.4in)
500
660mm (26.0in)
690mm (27.2in)
720mm (28.4in)
550
710mm (28.0in)
740mm (29.1in)
770mm (30.3in)
600
760mm (29.9in)
790mm (31.1in)
820mm (32.3in)
650
810mm (31.9in)
840mm (33.1in)
870mm (34.3in)
700
860mm (33.9in)
890mm (35.0in)
920mm (36.2in)
750
910mm (35.8in)
940mm (37.0in)
970mm (38.2in)
800
960mm (37.8in)
990mm (39.0in)
1020mm (40.2in)
850
1050mm (41.3in)
1080mm (42.5in)
1110mm (43.7in)
900
1100mm (43.3in)
1130mm (44.5in)
1160mm (45.7in)
950
1150mm (45.3in)
1180mm (46.5in)
1210mm (47.6in)
1000
1200mm (47.2in)
1230mm (48.4in)
1260mm (49.6in)
1050
1250mm (49.2in)
1280mm (50.4in)
1310mm (51.6in)
Shaft Length (L)
Shaft Mass
Shaft Diameter (D) - 16mm ±0.1
Stroke
Support Length (L2)
Max. Bending
0~350
25mm
0.00mm
351~500
40mm
0.30mm
501~800
40mm
0.50mm
801~max
60mm
0.50mm
Support and Bending
Wire Type
UL 2464FA
Wire AWG
25
U Phase
Red
V Phase
White
W Phase
Black
Standard Lead Wire
300mm lead wire bare leads. The
bending radius of the motor cable
should be 26.4mm as suggested by the
wire manufacturer.
Receptacle Housing
XMR-03V
Plug Housing
XMP-03V
Retainer
XMS-03V
Pin Contact
SXM-001T-P0.6
Socket Contact
SXA-001T-P0.6
Connector (Motor Cable)
To be installed by the user.
Spec
S160T
S160Q
Forcer Spacing Distance
10mm
Pole (N/S) Distance
30mm
Forcer Length
110mm
140mm
Flip Forcers
No
Yes
Forcer Spacing Distance
Forcer Spacing Distance
Tandem Forcer
Total Length (L)=Stroke (S)+Forcer Length (A)+(Support Length (L2)x2)
Stroke
S160D
S160T
S160Q
100
0.28kg (0.63lb)
0.33kg (0.72lb)
0.37kg (0.81lb)
150
0.35kg (0.78lb)
0.4kg (0.87lb)
0.44kg (1lb)
200
0.42kg (0.94lb)
0.47kg (1lb)
0.51kg (1.1lb)
250
0.49kg (1.1lb)
0.54kg (1.2lb)
0.58kg (1.3lb)
300
0.56kg (1.2lb)
0.61kg (1.3lb)
0.65kg (1.4lb)
350
0.64kg (1.4lb)
0.68kg (1.5lb)
0.72kg (1.6lb)
400
0.72kg (1.6lb)
0.77kg (1.7lb)
0.81kg (1.8lb)
450
0.79kg (1.8lb)
0.84kg (1.8lb)
0.88kg (1.9lb)
500
0.86kg (1.9lb)
0.91kg (2lb)
0.95kg (2.1lb)
550
0.93kg (2.1lb)
1kg (2.2lb)
1kg (2.2lb)
600
1kg (2.2lb)
1kg (2.3lb)
1.1kg (2.4lb)
650
1.1kg (2.4lb)
1.1kg (2.5lb)
1.2kg (2.6lb)
700
1.1kg (2.5lb)
1.2kg (2.6lb)
1.2kg (2.7lb)
750
1.2kg (2.7lb)
1.3kg (2.8lb)
1.3kg (2.9lb)
800
1.3kg (2.8lb)
1.3kg (2.9lb)
1.4kg (3lb)
850
1.4kg (3lb)
1.4kg (3.1lb)
1.5kg (3.2lb)
900
1.5kg (3.2lb)
1.5kg (3.3lb)
1.5kg (3.4lb)
950
1.5kg (3.4lb)
1.6kg (3.4lb)
1.6kg (3.5lb)
1000
1.6kg (3.5lb)
1.6kg (3.6lb)
1.7kg (3.7lb)
1050
1.7kg (3.7lb)
1.7kg (3.8lb)
1.7kg (3.9lb)
300mm lead wire bare leads. The
bending radius of the motor cable
should be 16.96mm as suggested
by the wire manufacturer. FG type
with insulating sheet between coils
and case. Meets all requirements of
EN60034-1 (1998).
Ground Wire
Wire Type
UL 1330
Wire AWG
24
U Phase
Red
V Phase
White
W Phase
Black
FGA/CE Type Lead Wire
Tandem S160D forcers are possible, but are equivalent
to one (1) S160Q forcer and thus are not listed above.
Additional stroke lengths are available. For longer strokes, see the datasheet for L160 Linear Shaft Motor. Contact Nippon Pulse for more information.
www.nipponpulse.com
Note: Metric units guaranteed.
Imperial (United States customary)
units are calculated.
For assistance in selecting the best motor for your application, contact Nippon Pulse
to speak with an applications engineer. 1-540-633-1677
Not all motors on this datasheet have received a CE
Declaration of Conformity. Only the standard S160D, S160T
and S160Q motors have been certified to CE standards. The
motors and motor options with the following designations
have not received a CE Declaration of Conformity, and as such
are designated FGA: S160D-1S, S160T-1S, S160Q-2S, S160Q-
1S, any S160 motor with Hall Effects.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com