Electronic Components Datasheet Search
  English  ▼

X  

S320 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # S320
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S320 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  S320 Datasheet HTML 1Page - Nippon Pulse America, Inc. S320 Datasheet HTML 2Page - Nippon Pulse America, Inc. S320 Datasheet HTML 3Page - Nippon Pulse America, Inc. S320 Datasheet HTML 4Page - Nippon Pulse America, Inc. S320 Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Note: The bending radius of
the motor cable should be
R36.6mm (wire diameter 4.6
* 6) as suggested by the wire
manufacturer. This radius
should be maintained. Use
supplied connector to attach
the proper high-flex cable as
required by your application.
Hall Effect Specs
The bending radius of the
sensor cable should be
R27.6mm (wire diameter 6.1
* 6) as suggested by the wire
manufacturer. This radius
should be maintained.
Wire Type
UL 758
Wire AWG
28
VCC
White/Red
GND
White/Black
Sensor 1
Orange/Red
Sensor 2
Orange/Black
Sensor 3
Gray/Red
Sensor Cable Specs
www.nipponpulse.com
Forcer Specs
S320D
S320T
S320Q
Forcer Length (A)
160mm (6.3in)
220mm (8.7in)
280mm (11.0in)
Forcer Width
60mm (2.36in)
Forcer Screw Pitch (P)
140mm (5.51in)
200mm (7.9in)
260mm (10.2in)
Forcer Weight
1.2kg (2.6lbs)
1.7kg (3.7lbs)
2.2kg (4.9lbs)
Gap
1.00mm (0.04in)
Screw
M8
Tightening Torque
12.5 Nm
Total Length
Movable Length
Shaft Length
Forcer Screw Pitch
Stroke Length
dep
Motor Cable
Length
Support Length
Bending
Radius
Serial Number
Mounting Surface
Label
Gap
Bore
Reference End
Yellow Mark
Note: Cable length 300mm. The bending radius
of the motor cable should be 36.6mm (wire
diameter 5.3 * 6) as suggested by the wire
manufacturer. This radius should be maintained.
Use supplied connector to attach the proper
high-flex cable as required by your application.
L = See Shaft Length
L1 = Usable Stroke + A
L2 = See Support Length
A = See Forcer Length
P = See Forcer Screw Pitch
Tolerances are as follows:
Dimension (mm)
0 -
6
7 - 30
31 - 120
121 - 315
316 - 1000
1001 - 2000
2000 -
Tolerance (mm)
±0.1
±0.2
±0.3
±0.5
±0.8
±1.2
±1.5
Unless otherwise specified,
dimensions are in mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com