Electronic Components Datasheet Search
  English  ▼

X  

S320 Datasheet(PDF) 4 Page - Nippon Pulse America, Inc.

Part # S320
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S320 Datasheet(HTML) 4 Page - Nippon Pulse America, Inc.

  S320 Datasheet HTML 1Page - Nippon Pulse America, Inc. S320 Datasheet HTML 2Page - Nippon Pulse America, Inc. S320 Datasheet HTML 3Page - Nippon Pulse America, Inc. S320 Datasheet HTML 4Page - Nippon Pulse America, Inc. S320 Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.nipponpulse.com
For assistance in selecting the best motor for your application, contact Nippon Pulse
to speak with an applications engineer. 1-540-633-1677
Receptacle Housing
HLR-03V
Plug Housing
HLP-03V
Retainer
HLS-03V
Pin Contact
SSM-21T-P1.4
Socket Contact
SSF-21T-P1.4
Connector (Motor Cable)
To be installed by the user.
Forcer Spacing Distance
Tandem Forcer
Shaft Diameter (D) - 32mm ±0.2
Stroke (D/T/Q)
Support Length (L2)
Max. Bending
0~750
50mm
0.00mm
751~1000
70mm
0.30mm
1001~1500
70mm
0.70mm
1501~max
100mm
0.70mm
Support and Bending
Total Length (L)=Stroke (S)+Forcer Length (A)+(Support Length (L2)x2)
Spec
S320T
S320Q
Forcer Spacing Distance
20mm
Pole (N/S) Distance
60mm
Forcer Length
220mm
280mm
Flip Forcers
No
Yes
Forcer Spacing Distance
Tandem S320D forcers are possible, but are
equivalent to one (1) S320Q forcer and thus are
not listed above.
THM Option
Thermocouple
Thermal sensor
Thermocouple K type (marked each phase name)
Attached to the surface of inside of coil
Length 3000mm
Note: Metric units guaranteed. Imperial (United States customary) units are calculated.
Not all motors on this datasheet have received a CE Declaration of Conformity. Only the standard S320D, S320T and S320Q motors have been certified to CE
standards. The motors and motor options with the following designations have not received a CE Declaration of Conformity, and as such are designated FGA:
S320D-1S, S320T-1S, S320Q-2S, S320Q-1S, any S320 motor with Hall Effects, Thermistor or Thermocouple options.
Ground Wire
Wire Type
UL 1330
Wire AWG
24
U Phase
Red
V Phase
White
W Phase
Black
FGA/CE Option - Lead Wire
300mm lead wire bare leads. The
bending radius of the motor cable
should be 18.96mm as suggested
by the wire manufacturer. FG type
with insulating sheet between coils
and case. Meets all requirements of
EN60034-1 (1998).
Additional stroke lengths are available (up to 2310mm for S320D, 2250mm for S320T, and 2190mm for S320Q). Contact Nippon Pulse for more information.
Shaft Length (L), continued
Shaft Mass, continued
1700
2240mm (88.2in)
2300mm (90.6in)
2360mm (92.9in)
1750
2350mm (92.5in)
2410mm (94.9in)
2470mm (97.2in)
1800
2460mm (96.9in)
2520mm (99.2in)
2580mm (101.6in)
1850
2570mm (101.2in)
2630mm (103.5in)
2690mm (105.9in)
1900
2680mm (105.5in)
2740mm (107.9in)
2800mm (110.2in)
1950
2790mm (109.8in)
2850mm (112.2in)
2910mm (114.6in)
2000
2900mm (114.2in)
2960mm (116.5in)
3020mm (118.9in)
1700
11.1kg (24.4lb)
11.4kg (25.1lb)
11.7kg (25.9lb)
1750
11.3kg (25lb)
11.7kg (25.7lb)
12kg (26.5lb)
1800
11.6kg (25.6lb)
12kg (26.4lb)
12.3kg (27.1lb)
1850
11.9kg (26.2lb)
12.2kg (27lb)
12.6kg (27.7lb)
1900
12.2kg (26.9lb)
12.5kg (27.6lb)
12.9kg (28.3lb)
1950
12.5kg (27.5lb)
12.8kg (28.2lb)
13.1kg (29lb)
2000
12.7kg (28.1lb)
13.1kg (28.8lb)
13.4kg (29.6lb)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com