Electronic Components Datasheet Search
  English  ▼

X  

S350T Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # S350T
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S350T Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  S350T Datasheet HTML 1Page - Nippon Pulse America, Inc. S350T Datasheet HTML 2Page - Nippon Pulse America, Inc. S350T Datasheet HTML 3Page - Nippon Pulse America, Inc. S350T Datasheet HTML 4Page - Nippon Pulse America, Inc. S350T Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wire Type
UL 2464FA
Wire AWG
20
U Phase
Red
V Phase
White
W Phase
Black
Standard Lead Wire
300mm lead wire bare leads.
The bending radius of the
motor cable should be
36.6mm as suggested by the
wire manufacturer.
Spec
S350T
S350Q
Forcer Spacing Distance
20mm
Pole (N/S) Distance
60mm
Forcer Length
220mm
280mm
Flip Forcers
No
Yes
Forcer Spacing Distance
Wire Type
UL 1330
Wire AWG
20
U Phase
Red
V Phase
White
W Phase
Black
FGA/CE Option Lead Wire
300mm lead wire bare leads. The bending radius of the motor cable
should be 41.3mm as suggested by the wire manufacturer. FG type
with insulating sheet between coils and case. Meets all requirements
of EN60034-1 (1998).
Hall Effect Specs
Wire Type
UL 758
Wire AWG
28
VCC
White/Red
GND
White/Black
Sensor 1
Orange/Red
Sensor 2
Orange/Black
Sensor 3
Gray/Red
The bending radius of the sensor
cable should be R27.6mm (wire
diameter 6.1 * 6) as suggested
by the wire manufacturer. This
radius should be maintained.
Attach the proper high-flex cable
as required by your application.
Sensor Cable Specs
Ground Wire
Wire Type
UL 1330
Wire AWG
18
Frame Ground
Green/Yellow
Tandem S350D forcers are possible, but are
equivalent to one (1) S350Q forcer and thus are not
listed above.
www.nipponpulse.com
Forcer Specs
S350D
S350T
S350Q
Forcer Length (A)
160mm (6.3in)
220mm (8.7in)
280mm (11.0in)
Forcer Width
60mm (2.36in)
Forcer Screw Pitch (P)
140mm (5.5in)
200mm (7.9in)
260mm (10.2in)
Forcer Weight
1.3kg (2.9lbs)
1.9kg (4.2lbs)
2.4kg (5.3lbs)
Gap
1.00mm (0.04in)
Screw
M8
Tightening Torque
12.5 Nm
Total Length
Movable Range
Forcer Length
Forcer Screw Pitch
Support Length
Stroke Length
Motor Cable
Length
dep
Bending
Radius
Serial Number
Label
Mounting Surface
Gap
Bore
Reference End
Yellow Mark
Note: Cable length 300mm. The bending
radius of the motor cable should be 36.6mm
(wire diameter 5.3 * 6) as suggested by the
wire manufacturer. This radius should be
maintained.
Use supplied connector to
attach the proper high-flex cable as required
by your application.
L = See Shaft Length
L1 = Usable Stroke + A
L2 = See Support Length
A = See Forcer Length
P = See Forcer Screw Pitch
Tolerances are as follows:
Dimension (mm)
0 -
6
7 - 30
31 - 120
121 - 315
316 - 1000
1001 - 2000
2000 -
Tolerance (mm)
±0.1
±0.2
±0.3
±0.5
±0.8
±1.2
±1.5
Unless otherwise specified,
dimensions are in mm
Note: The bending radius of the
motor cable should be R36.6mm (wire
diameter 4.6 * 6) as suggested by the
wire manufacturer. This radius should
be maintained. Use supplied connector
to attach the proper high flex cable as
required by your application.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com