Electronic Components Datasheet Search
  English  ▼

X  

S350T Datasheet(PDF) 4 Page - Nippon Pulse America, Inc.

Part # S350T
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S350T Datasheet(HTML) 4 Page - Nippon Pulse America, Inc.

  S350T Datasheet HTML 1Page - Nippon Pulse America, Inc. S350T Datasheet HTML 2Page - Nippon Pulse America, Inc. S350T Datasheet HTML 3Page - Nippon Pulse America, Inc. S350T Datasheet HTML 4Page - Nippon Pulse America, Inc. S350T Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
For assistance in selecting the best motor for your application, contact Nippon Pulse
to speak with an applications engineer. 1-540-633-1677
www.nipponpulse.com
THM Option
Thermocouple
Thermal sensor
Thermocouple K type (marked each phase name)
Attached to the surface of inside of coil
Length 3000mm
Shaft Diameter (D) - 35mm ±0.2
Stroke
Support Length (L2)
Max. Bending
0~750
50mm
0.00mm
751~1000
70mm
0.30mm
1001~1500
70mm
0.90mm
1501~max
100mm
1.00mm
Support and Bending
Receptacle Housing
VLR-03V
Plug Housing
VLP-03V
Retainer
VLS-03V
Pin Contact
SVM-61T-P2.0
Socket Contact
SVF-61T-P2.0
Connector (Motor Cable)
To be installed by the user.
Total Length (L)=Stroke (S)+Forcer Length (A)+(Support Length (L2)x2)
Stroke lengths available from 100mm to 2500mm. Contact Nippon Pulse for more information.
These motors have not received a CE Declaration of Conformity, and as such are designated FGA.
Note: Metric units guaranteed. Imperial (United States customary) units are calculated.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com