Electronic Components Datasheet Search
  English  ▼

X  

CSL0903VT1 Datasheet(PDF) 10 Page - Rohm

Part # CSL0903VT1
Description  Red Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0903VT1 Datasheet(HTML) 10 Page - Rohm

Back Button CSL0903VT1 Datasheet HTML 6Page - Rohm CSL0903VT1 Datasheet HTML 7Page - Rohm CSL0903VT1 Datasheet HTML 8Page - Rohm CSL0903VT1 Datasheet HTML 9Page - Rohm CSL0903VT1 Datasheet HTML 10Page - Rohm CSL0903VT1 Datasheet HTML 11Page - Rohm CSL0903VT1 Datasheet HTML 12Page - Rohm CSL0903VT1 Datasheet HTML 13Page - Rohm CSL0903VT1 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
[CSL0903VT1]
    
[Data Sheet]
4-6. Reflow Profile
  For reflow profile, please refer to the conditions below:(※)
・Meaning of marks, Conditions
4-7. Attention Points in Soldering Operation
4-8. Cleaning after Soldering
 Please follow the conditions below if the cleaning is necessary after soldering.
TL
Reference temperature
230~260
℃
Mark
Meanings
Conditions
Tsmax
Maximum of pre-heating temperature
180
℃
Tsmin
Minimum of pre-heating temperature
140
℃
Ts
Time from Tsmin to Tsmax
Over 60 sec.
tL
Retention time for TL
Within 40 sec.
TP
Peak temperature
260
℃(MAX.)
ITEM
RECOMMENDED CONDITION
 Figure-1
tP
Time for peak temperature
Within 10 sec.
ΔT
R/Δt
Temperature rising rate
Under 3℃/sec.
ΔT
D/Δt
Temperature decreasing rate
Within -3
℃/sec.
※
Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and reflow furnaces before
using, because stress from circuit boards and temperature variations of reflow furnaces vary by customer’s own
conditions.
 This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. Incase of implementing manual soldering,
please take care of following points.
① SOLDER USED
Sn-Cu, Sn-Ag-Cu, Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
a)
Heating method
Condition ) Temp. of iron top less than
400
℃ within 3 sec.
Heating on PCB pattern, not direct to the
LED. (Fig-1)
b)
Handling after
soldering
Please handle after the part temp.
Goes down to room temp.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30℃ within 3 minutes
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
10/15
2022.7 - Rev.002
www.rohm.com
©2022 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com