Electronic Components Datasheet Search
  English  ▼

X  

CSL0903VT1 Datasheet(PDF) 14 Page - Rohm

Part # CSL0903VT1
Description  Red Surface Mount Chip LEDs featuring with lends AlGaInP packed with transparent colorless resin.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0903VT1 Datasheet(HTML) 14 Page - Rohm

Back Button CSL0903VT1 Datasheet HTML 9Page - Rohm CSL0903VT1 Datasheet HTML 10Page - Rohm CSL0903VT1 Datasheet HTML 11Page - Rohm CSL0903VT1 Datasheet HTML 12Page - Rohm CSL0903VT1 Datasheet HTML 13Page - Rohm CSL0903VT1 Datasheet HTML 14Page - Rohm CSL0903VT1 Datasheet HTML 15Page - Rohm CSL0903VT1 Datasheet HTML 16Page - Rohm CSL0903VT1 Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
[CSL0903VT1]
    
[Data Sheet]
THERMAL RESISTANCE(JUNCTION/SOLDER POINT)※ 1
Rθj-s ・・・ 250℃/W
THERMAL RESISTANCE(JUNCTION/AMBIENT)※ 1
Rθj-a ・・・ 400℃/W
JUNCTION TEMPERATURE
TjMax ・・・ 110℃
※1:【Evaluation board】
  Glass epoxy(FR4):30x10mm,t=1.6mm
  Pad Size(Cu):4.0x4.0mm(Anode),t=0.07mm
※2: Even w ithin derating, the reliability and luminosity life may be affected by deterioration of sealing
DERATING ※ 1、※ 2
resin and reflector, etc. So please check w ith your application again.
Reference
※This data is actual value from specific lot and is not guaranteed.
14/15
2022.7 - Rev.002
www.rohm.com
©2022 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com