Electronic Components Datasheet Search
  English  ▼

X  

1213 Datasheet(PDF) 1 Page - Belden Inc.

Part # 1213
Description  Category 5E Cable, 4 Pair, U/UTP, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1213 Datasheet(HTML) 1 Page - Belden Inc.

  1213 Datasheet HTML 1Page - Belden Inc. 1213 Datasheet HTML 2Page - Belden Inc. 1213 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 1213
Category 5E+ Cable, 4 Pair, U/UTP, CMP
Product Description
Category 5E+ Premise Horizontal Cable (350MHz), 4 Pair, 24 AWG Solid Bare Copper Conductors, U/UTP, Plenum-CMP, Flamarrest® PVC-LS Jacket
Technical Specifications
Product Overview
Suitable Applications:
Premise Horizontal Cable, Ethernet 1000BASE-T, Ethernet 100BASE-TX, Ethernet 10BASE-T, PoE++, PoE+, PoE
Patent:
This product has one or more applicable patents. More information on patents can be found at https://www.belden.com/patents.
Construction Details
Conductor
Size
Stranding
Material
Number of Pairs
24 AWG Solid
BC - Bare Copper 4
Insulation
Material
Color Code
PO+FEP - Polyolefin + Fluorinated Ethylene Propylene White/Blue Stripe & Blue, White/Orange Stripe & Orange, White/Green Stripe & Green, White/Brown Stripe & Brown
Outer Jacket
Material
Material Trade Name
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride Flamarrest®
0.207 in (5.26 mm) Yes
Overall Cable Diameter
(Nominal):
0.207 in (5.26 mm)
Electrical Characteristics
Electricals
Max. Conductor DCR
Max. Capacitance Unbalance
89 Ohm/km (27 Ohm/1000ft) 330 pF/100m
Delay
Frequency
Max. Delay
Max. Delay Skew Nom. Velocity of Prop.
100 MHz
537.6 ns/100m 25 ns/100m
72%
High Frequency
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min.
NEXT
[dB]
Min.
PSNEXT
[dB]
Min.
ACR
[dB]
Min.
PSACR
[dB]
Min. ACRF
(ELFEXT) [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL
(Return Loss)
[dB]
Max./Min. Input
Impedance (unFitted)
[Ohm]
Max./Min. Fitted
Impedance [Ohm]
1
2.0 dB/100m
70.3
69.3
68.3
67.3
67.8
65.8
20.0
100 ± 15
100 ± 15
4
4.0 dB/100m
61.3
60.3
57.3
56.3
55.8
53.8
23.0
100 ± 15
100 ± 15
8
5.7 dB/100m
56.8
55.8
51.1
50.1
49.7
47.7
24.5
100 ± 15
100 ± 15
10
6.4 dB/100m
55.3
54.3
48.9
47.9
47.8
45.8
25.0
100 ± 15
100 ± 15
16
8.1 dB/100m
52.2
51.2
44.1
43.1
43.7
41.7
25.0
100 ± 15
100 ± 15
20
9.1 dB/100m
50.8
49.8
41.7
40.7
41.8
39.8
25.0
100 ± 15
100 ± 15
25
10.2 dB/100m
49.3
48.3
39.1
38.1
39.8
37.8
24.3
100 ± 15
100 ± 15
31.25
11.4 dB/100m
47.9
46.9
36.4
35.4
37.9
35.9
23.6
100 ± 15
100 ± 15


Similar Part No. - 1213

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
1213 LINEAR-1213 Datasheet
391Kb / 20P
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Electronic Film Capacit...
1213 EFC-1213 Datasheet
54Kb / 9P
METALLIZED POLYPROPYLENE
logo
Yantel Corporation
1213 YANTEL-1213 Datasheet
454Kb / 2P
Variable RF Inductor
logo
ASSUN MOTOR Pte Ltd.
1213 ASSUN-1213 Datasheet
286Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
1213 ASSUN-1213 Datasheet
276Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 1213

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2413 BELDEN-2413 Datasheet
274Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
1212 BELDEN-1212 Datasheet
174Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1213F BELDEN-1213F Datasheet
166Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1533P BELDEN-1533P Datasheet
162Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1583A BELDEN-1583A Datasheet
184Kb / 4P
Category 5e Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1583EPE BELDEN-1583EPE Datasheet
164Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, PE Outdoor
2022 Belden, Inc
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
1592A BELDEN-1592A Datasheet
177Kb / 3P
Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
1701A BELDEN-1701A Datasheet
180Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
IBDN25P BELDEN-IBDN25P Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com