Electronic Components Datasheet Search
  English  ▼

X  

1213 Datasheet(PDF) 3 Page - Belden Inc.

Part # 1213
Description  Category 5E Cable, 4 Pair, U/UTP, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1213 Datasheet(HTML) 3 Page - Belden Inc.

  1213 Datasheet HTML 1Page - Belden Inc. 1213 Datasheet HTML 2Page - Belden Inc. 1213 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1213 D15U1000 Blue
UnReel
1,000 ft 612825061298
1213 D152500
Blue
Reel
2,500 ft 612825061281
1213 008U1000
Gray
UnReel
1,000 ft 612825061335
1213 005U1000
Green
UnReel
1,000 ft 612825061304
1213 003U1000
Orange UnReel
1,000 ft 612825061311
1213 012U1000
Pink
UnReel
1,000 ft 612825061328
1213 007U1000
Purple
UnReel
1,000 ft 612825061342
1213 0091000
White
Reel
1,000 ft 612825061373
1213 009A1000
White
Reel-in-Box
1,000 ft 612825061403
1213 009U1000
White
UnReel
1,000 ft 612825061366
1213 004U1000
Yellow
UnReel
1,000 ft 612825061380
© 2022 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com