Electronic Components Datasheet Search
  English  ▼

X  

RC_P Datasheet(PDF) 7 Page - YAGEO Corporation

Part # RC_P
Description  Chip Resistor Surface Mount
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC_P Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button RC_P Datasheet HTML 2Page - YAGEO Corporation RC_P Datasheet HTML 3Page - YAGEO Corporation RC_P Datasheet HTML 4Page - YAGEO Corporation RC_P Datasheet HTML 5Page - YAGEO Corporation RC_P Datasheet HTML 6Page - YAGEO Corporation RC_P Datasheet HTML 7Page - YAGEO Corporation RC_P Datasheet HTML 8Page - YAGEO Corporation RC_P Datasheet HTML 9Page - YAGEO Corporation RC_P Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
May. 11, 2022 V.4
Product specification
7
10
SERIES
RC_P
0100 to 2512
Fig. 5-1 Maximum dissipation (P) in percentage of rated poweras
a function of the operating ambient temperature (Tamb)
MRA632
70
100
55
50
Tamb ( C)
(%Prated)
0
0
50
100
155
Pmax
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
RC0402 to RC2512 Range: -55℃ to +155℃ (Fig. 5-1)
RC0100 to RC0201 Range: -55℃ to +125℃ (Fig. 5-2)
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70 ℃:
RC0100=1/32W
RC0201=1/20 W
RC0402=1/16 W, 1/8W
RC0603=1/10W, 1/5W
RC0805=1/8W,
1/4W
RC1206=1/4W,
1/2W
RC1210=1/2W
RC1218=1W
RC2010=3/4W
RC2512=1W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V =
)
(
PxR
Where
V = Continuous rated DC or
AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity
PACKING STYLE
REEL
DIMENSION
RC0100 RC0201 RC0402 RC0603 RC0805 RC1206 RC1210 RC1218 RC2010 RC2512
Paper taping reel (R) 7" (178 mm)
20,000
10,000
10,000
5,000
5,000
5,000
5,000
---
---
---
13" (330 mm)
80,000
50000
50000
20000
20000
20000
20000
---
---
---
ESD safe reel (S)
7" (178 mm)
40,000
---
---
---
---
---
---
---
---
---
Embossed taping reel 7" (178 mm)
---
---
---
---
---
---
4,000
4,000
4,000
NOTE
For tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
Fig. 5-2 Maximum dissipation (P) in percentage of rated poweras
a function of the operating ambient temperature (Tamb)
handbook, halfpage
MLB206
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
125
Pmax
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com