Electronic Components Datasheet Search
  English  ▼

X  

RC_P Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RC_P
Description  Chip Resistor Surface Mount
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC_P Datasheet(HTML) 4 Page - YAGEO Corporation

  RC_P Datasheet HTML 1Page - YAGEO Corporation RC_P Datasheet HTML 2Page - YAGEO Corporation RC_P Datasheet HTML 3Page - YAGEO Corporation RC_P Datasheet HTML 4Page - YAGEO Corporation RC_P Datasheet HTML 5Page - YAGEO Corporation RC_P Datasheet HTML 6Page - YAGEO Corporation RC_P Datasheet HTML 7Page - YAGEO Corporation RC_P Datasheet HTML 8Page - YAGEO Corporation RC_P Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
May. 11, 2022 V.4
Product specification
4
10
SERIES
RC_P
0100 to 2512
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
RC0100
0.40±0.02
0.20±0.02
0.13±0.02
0.10±0.03
0.10±0.03
RC0201
0.60±0.03
0.30±0.03
0.23±0.03
0.10±0.05
0.15±0.05
RC0402
1.00±0.05
0.50±0.05
0.35±0.05
0.20±0.10
0.25±0.10
RC0603
1.60±0.10
0.80±0.10
0.45±0.10
0.25±0.15
0.25±0.15
RC0805
2.00±0.10
1.25±0.10
0.50±0.10
0.35±0.20
0.35±0.20
RC1206
3.10±0.10
1.60±0.10
0.55±0.10
0.45±0.20
0.45±0.20
RC1210
3.10±0.10
2.60±0.15
0.55±0.10
0.45±0.15
0.50±0.20
RC1218
3.10±0.10
4.60±0.10
0.55±0.10
0.45±0.20
0.40±0.20
RC2010
5.00±0.10
2.50±0.15
0.55±0.10
0.45±0.15
0.55±0.20
RC2512
6.35±0.10
3.10±0.15
0.55±0.10
0.60±0.20
0.60±0.20
DIMENSION
Table 1
ELECTRICAL CHARACTERISTICS
Fig. 4 Chip resistor outlines
Table 2
TYPE POWER
CHARACTERISTICS
Operating
Temperature
Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
RESISTANCE
RANGE
Temperature Coefficient
of Resistance
Jumper Criteria
RC0100
1/32W -55℃ to +125℃
15V
30V
30V
E24 ± 5%
1Ω ≤ R ≤ 10MΩ
E24/E96 ± 1%
1Ω ≤ R ≤ 10MΩ
Jumper< 50mΩ
1Ω≤R<10Ω:-200~+600ppm℃
10Ω≤ R<100Ω: ±300ppm/℃
100Ω≤R≤10MΩ: ±200ppm/℃
Rated Current 0.5A
Max. Current 1.0A
RC0201
1/20W -55℃ to +125℃
25V
50V
50V
E24 ± 5%
1Ω ≤ R ≤ 10MΩ
E24/E96 ± 1%
1Ω ≤ R ≤ 10MΩ
E24/E96 ± 0.5%
10Ω ≤ R ≤ 1MΩ
Jumper< 50mΩ
1Ω≤R≤10Ω: -100~+350ppm℃
10Ω<R≤10MΩ: ±200ppm℃
Rated Current 0.5A
Max. Current 1.0A
RC0402
1/16W -55℃ to +155℃
50V
100V
100V
E24 ± 5%
1Ω ≤ R ≤ 22MΩ
E24/E96 ± 1%
1Ω ≤ R ≤ 10MΩ
E24/E96 ± 0.5%
10Ω ≤ R ≤ 1MΩ
Jumper< 50mΩ
1Ω≤R≤10Ω: ± 200ppm℃
10Ω<R≤10MΩ: ±100ppm℃
10MΩ<R≤22MΩ: ±200ppm℃
Rated Current 1.0A
Max. Current 2.0A
1/8W -55℃ to +155℃
50V
100V
100V
E24 ± 5%
1Ω ≤ R ≤ 10MΩ
E24/E96 ± 1%
1Ω ≤ R ≤ 10MΩ
1Ω≤R≤10Ω: ±200ppm℃
10Ω<R≤10MΩ: ± 100ppm℃
--



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com