Electronic Components Datasheet Search
  English  ▼

X  

NJM062C Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM062C
Description  LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM062C Datasheet(HTML) 2 Page - New Japan Radio

  NJM062C Datasheet HTML 1Page - New Japan Radio NJM062C Datasheet HTML 2Page - New Japan Radio NJM062C Datasheet HTML 3Page - New Japan Radio NJM062C Datasheet HTML 4Page - New Japan Radio NJM062C Datasheet HTML 5Page - New Japan Radio NJM062C Datasheet HTML 6Page - New Japan Radio NJM062C Datasheet HTML 7Page - New Japan Radio NJM062C Datasheet HTML 8Page - New Japan Radio NJM062C Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NJM062C/064C NJM062CA/064CA
- 2 -
Ver.5.0
www.njr.com
■ PIN CONFIGURATIONS
PRODUCT NAME
NJM062CG/CAG
NJM062CV/CAV
NJM064CG/CAG
NJM064CV/CAV
Package
SOP8
SSOP8
SOP14
SSOP14
Pin Functions
■ PRODUCT NAME INFORMATION
■ ORDER INFORMATION
PRODUCT
NAME
PACKAGE
RoHS
HALOGEN-
FREE
TERMINAL
FINISH
MARKING
WEIGHT
(mg)
MOQ
(pcs)
NJM062CG
SOP8
Yes
Yes
Pure Sn
062
88
2500
NJM062CAG
SOP8
Yes
Yes
Pure Sn
062A
88
2500
NJM062CV
SSOP8
Yes
Yes
Sn2Bi
062
42
2000
NJM062CAV
SSOP8
Yes
Yes
Sn2Bi
062A
42
2000
NJM064CG
SOP14
Yes
Yes
Pure Sn
064
150
2500
NJM064CAG
SOP14
Yes
Yes
Pure Sn
064A
150
2500
NJM064CV
SSOP14
Yes
Yes
Sn2Bi
064
65
2000
NJM064CAV
SSOP14
Yes
Yes
Sn2Bi
064A
65
2000
■ ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+/V-
±18
V
Differential Input Voltage
(1)
VID
±36
V
Input Voltage
(2)
VIN
V
--0.3 to V-+36
V
Output Terminal Input Voltage
VO
V
--0.3 to V++0.3
V
Power Dissipation
(3)
PD
2-Layer / 4-Layer
(4)
mW
SOP8
SSOP8
SOP14
SSOP14
690 / 1000
450 / 570
880 / 1200
560 / 700
Storage Temperature Range
Tstg
-65 to 150
°C
Maximum Junction Temperature
Tjmax
150
°C
NJM062C
G
(TE2)
Part Number
Package
Taping Form
1
2
3
4
8
7
6
5
A +INPUT
A -INPUT
A OUTPUT
V-
V+
B OUTPUT
B -INPUT
B +INPUT
(Top View)
1
2
3
4
14
13
12
11
5
6
7
10
9
8
D +INPUT
D -INPUT
D OUTPUT
V-
C +INPUT
C -INPUT
C OUTPUT
A +INPUT
A -INPUT
A OUTPUT
V+
B +INPUT
B -INPUT
B OUTPUT
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com