Electronic Components Datasheet Search
  English  ▼

X  

NJM062C Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM062C
Description  LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM062C Datasheet(HTML) 3 Page - New Japan Radio

  NJM062C Datasheet HTML 1Page - New Japan Radio NJM062C Datasheet HTML 2Page - New Japan Radio NJM062C Datasheet HTML 3Page - New Japan Radio NJM062C Datasheet HTML 4Page - New Japan Radio NJM062C Datasheet HTML 5Page - New Japan Radio NJM062C Datasheet HTML 6Page - New Japan Radio NJM062C Datasheet HTML 7Page - New Japan Radio NJM062C Datasheet HTML 8Page - New Japan Radio NJM062C Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NJM062C/064C NJM062CA/064CA
- 3 -
Ver.5.0
www.njr.com
■ THERMAL CHARACTERISTICS
PACKAGE
SYMBOL
VALUE
UNIT
Junction-to-Ambient Thermal Resistance
Θja
2-Layer / 4-Layer
(4)
°C/W
SOP8
SSOP8
SOP14
SSOP14
181 / 125
278 / 221
142 / 104
225 / 179
Junction-to-Top of Package Characterization Parameter
Ψjt
2-Layer / 4-Layer
(4)
°C/W
SOP8
SSOP8
SOP14
SSOP14
49 / 43
41 / 40
39 / 34
40 / 36
(1) Differential voltage is the voltage difference between +INPUT and -INPUT.
(2) Input voltage is the voltage should be allowed to apply to the input terminal independent of the magnitude of V
+.
The normal operation will establish when any input is within the "Common-Mode Input Voltage Range" of electrical characteristics.
(3) Power dissipation is the power that can be consumed by the IC at Ta=25°C, and is the typical measured value based on JEDEC
condition.
(4) 2-Layer: Mounted on glass epoxy board. (76.2×114.3×1.6 mm: based on EIA/JDEC standard, 2-layer FR-4)
4-Layer: Mounted on glass epoxy board. (76.2×114.3×1.6 mm: based on EIA/JDEC standard, 4-layer FR-4), internal Cu area: 74.2 x
74.2 mm
■ POWER DISSIPATION vs. AMBIENT TEMPERATURE
■ RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNIT
Supply Voltage
V
+/V-
Ta=25
˚C
±2 to ±18
V
Operating Temperature Range
Topr
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com