Electronic Components Datasheet Search
  English  ▼

X  

ADC3563 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3563
Description  ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3563 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC3563 Datasheet HTML 7Page - Texas Instruments ADC3563 Datasheet HTML 8Page - Texas Instruments ADC3563 Datasheet HTML 9Page - Texas Instruments ADC3563 Datasheet HTML 10Page - Texas Instruments ADC3563 Datasheet HTML 11Page - Texas Instruments ADC3563 Datasheet HTML 12Page - Texas Instruments ADC3563 Datasheet HTML 13Page - Texas Instruments ADC3563 Datasheet HTML 14Page - Texas Instruments ADC3563 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
6.7 Electrical Characteristics - AC Specifications (continued)
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C
to TMAX = 105°C, ADC sampling rate = 10-65 MSPS, external reference, 50% clock duty cycle, AVDD = IOVDD = 1.8 V,
external 1.6 V reference, and –1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3563: 65 MSPS
NSD
Noise Spectral Density
No input signal
-158.0
dBFS/Hz
SNR
Signal to noise ratio
fIN = 1.1 MHz
82.0
dBFS
fIN = 5 MHz
80.0
82.0
fIN = 10 MHz
81.9
fIN = 20 MHz
81.6
fIN = 40 MHz
80.5
fIN = 70 MHz
77.0
SINAD
Signal to noise and distortion ratio
fIN = 1.1 MHz
80.2
dBFS
fIN = 5 MHz
80.2
fIN = 10 MHz
80.2
fIN = 20 MHz
80.0
fIN = 40 MHz
78.5
fIN = 70 MHz
75.5
ENOB
Effective number of bits
fIN = 1.1 MHz
13.0
bit
fIN = 5 MHz
13.0
fIN = 10 MHz
13.0
fIN = 20 MHz
13.0
fIN = 40 MHz
12.8
fIN = 70 MHz
12.3
THD
Total Harmonic Distortion (First five
harmonics)
fIN = 1.1 MHz
81
dBc
fIN = 5 MHz
81
89
fIN = 10 MHz
87
fIN = 20 MHz
82
fIN = 40 MHz
82
fIN = 70 MHz
81
SFDR
Spur free dynamic range including
second and third harmonic distortion
fIN = 1.1 MHz
82
dBc
fIN = 5 MHz
82
90
fIN = 10 MHz
90
fIN = 20 MHz
83
fIN = 40 MHz
84
fIN = 70 MHz
83
Non HD2,3
Spur free dynamic range (excluding
HD2 and HD3)
fIN = 1.1 MHz
100
dBFS
fIN = 5 MHz
91
100
fIN = 10 MHz
98
fIN = 20 MHz
97
fIN = 40 MHz
92
fIN = 70 MHz
86
IMD3
Two tone inter-modulation distortion
f1 = 1 MHz, f2 = 2 MHz, AIN = -7 dBFS/
tone
97
dBc
f1 = 10 MHz, f2 = 12 MHz, AIN = -7
dBFS/tone
96
www.ti.com
ADC3561, ADC3562, ADC3563
SBAS990B – FEBRUARY 2021 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ADC3561 ADC3562 ADC3563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com