Electronic Components Datasheet Search
  English  ▼

X  

ADC3563 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3563
Description  ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3563 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC3563 Datasheet HTML 16Page - Texas Instruments ADC3563 Datasheet HTML 17Page - Texas Instruments ADC3563 Datasheet HTML 18Page - Texas Instruments ADC3563 Datasheet HTML 19Page - Texas Instruments ADC3563 Datasheet HTML 20Page - Texas Instruments ADC3563 Datasheet HTML 21Page - Texas Instruments ADC3563 Datasheet HTML 22Page - Texas Instruments ADC3563 Datasheet HTML 23Page - Texas Instruments ADC3563 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
6.10 Typical Characteristics - ADC3562 (continued)
Typical values at TA = 25 °C, ADC sampling rate = 25 MSPS, AIN = –1 dBFS differential input, AVDD = IOVDD = 1.8 V,
external 1.6 V voltage reference, unless otherwise noted.
Output Code
0
5%
10%
15%
20%
25%
30%
35%
40%
32766 32767 32768 32769 32770 32771 32772 32773 32774 32775
Figure 6-36. DC Offset Histogram
Sampling Rate (MSPS)
0
5
10
15
20
25
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
IAVDD, ext REF
IAVDD, int REF
IIOVDD, 2-w
IIOVDD, 1-w
FIN = 1.1 MHz, DDC Bypass
Figure 6-37. Current vs Sampling Rate
Sampling Rate (MSPS)
0
5
10
15
20
25
24
25
26
27
28
29
30
Bypass
/4 real
/8 real
/32 real
/2 real
/4 complex
/8 complex
/32 complex
FIN = 1.1 MHz, 1-wire
Figure 6-38. IIOVDD Current vs Decimation
Sampling Rate (MSPS)
0
5
10
15
20
25
15
20
25
30
35
40
IIOVDD, 2-w
IIOVDD, 1-w
IIOVDD, 2-w (half swing)
IIOVDD, 1-w (half swing)
FIN = 1.1 MHz, Complex Decimation by 32
Figure 6-39. IIOVDD Current vs Interface
ADC3561, ADC3562, ADC3563
SBAS990B – FEBRUARY 2021 – REVISED OCTOBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3561 ADC3562 ADC3563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com