Electronic Components Datasheet Search
  English  ▼

X  

24080 Datasheet(PDF) 2 Page - Littelfuse

Part # 24080
Description  CONTINUOUS DUTY SOLENOIDS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

24080 Datasheet(HTML) 2 Page - Littelfuse

  24080 Datasheet HTML 1Page - Littelfuse 24080 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2020 Littelfuse Commercial Vehicle Products
Rev: 121520-B
littelfuse.com
2 of 2
Product Datasheet
PART NUMBERS
INSULATED /
GROUNDED
CONTACT
MATERIAL
NOTES
BULK
BOXED
RETAIL
24080
24080-BX
–
36
85
Insulated
SPST NO
Copper
A
1
24080-01
–
–
65
Insulated
SPST NO
Copper
•
A
1
Intermittent rating: 125A Make, 65A Break
10 sec on, 30 min off - UL Requirement
24200
24200-BX
–
110
Insulated
SPST NO
Copper
A
Refer to
2D Print
Momentary switch, latching solenoid
24008
24008-BX
–
24
120
Insulated
SPST NO
Copper
A
Special spring for stronger contact
return force
24008-03
–
–
120
Insulated
SPST NO
Copper
A
Components shipped unassembled
24063
24063-BX
–
85
Insulated
SPST NO
Silver
A
1
24063-08 24063-08-BX
–
85
Insulated
SPST NO
Copper
•
•
B
1
24214
24214-BX
–
200
Insulated
SPST NO
Silver
A
1
24107
24107-BX
–
85
Insulated
SPST NO
Copper
C
2
24124
24124-BX
–
85
Grounded
SPST NO
Copper
C
4
24524-10D
–
–
100
Insulated
SPST NO
Copper
Refer to
2D Print
Refer to
2D Print
24037
24037-BX
–
12
750
Grounded
SPST NO
Copper
C
4
24044
24044-BX
–
750
Grounded
SPST NO
Copper
D
4
24047
24047-BX
–
750
Insulated
SPST NO
Copper
A
1
24059
24059-BX
24059-BP
85
Insulated
SPST NO
Copper
A
1
24059-08 24059-08-BX 24059-08-BP
65
Insulated
SPST NO
Copper
•
A
1
Intermittent rating: 750A Make, 100A Break
10 sec on, 30 min off - UL Requirement
24106-07
–
–
85
Grounded
SPST NO
Copper
C
4
P/N, Date Code, Voltage ink stamped
on surface
24115
24115-BX
–
85
Insulated
SPST NO
Copper
C
3
24117
24117-BX
–
Insulated
SPST NO
Copper
•
B
1
24117-01 24117-01-BX 24117-01-BP
Insulated
SPST NO
Copper
•
B
1
24213
24213-BX
24213-BP
200
Insulated
SPST NO
Silver
A
1
24213-01
–
–
200
Insulated
SPST NO
Silver
•
B
1
IP66
24213-03
–
–
200
Insulated
SPST NO
Silver
•
B
1
Black PVC Coating • IP66
24106
24106-BX
–
85
Grounded
SPST NO
Copper
C
4
24082
24082-BX
–
85
Grounded
SPST NO
Copper
D
4
Curved Bracket
24420
24420-BX
24420-BP
35
Insulated
SPST NO
Copper
•
•
E
5
24097
24097-BX
–
6
85
Insulated
SPST NO
Copper
A
1
A
B
C
D
E
Ordering Information
CONTINUOUS DUTY SOLENOIDS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com