Electronic Components Datasheet Search
  English  ▼

X  

24080 Datasheet(PDF) 1 Page - Littelfuse

Part # 24080
Description  CONTINUOUS DUTY SOLENOIDS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

24080 Datasheet(HTML) 1 Page - Littelfuse

  24080 Datasheet HTML 1Page - Littelfuse 24080 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2020 Littelfuse Commercial Vehicle Products
Rev: 121520-B
littelfuse.com
1 of 2
Product Datasheet
CONTINUOUS DUTY SOLENOIDS
6-32V DC • 65-200A • Uncoated or PVC-Coated
Specifications Overview
Voltage Ratings:
6, 12, 24, or 36V DC
Max Continuous Current:
65, 85, or 200A
Circuitry:
Single Pole Single Throw (SPST)
Contact Form:
Normally Open
Contact Terminals:
Copper or Silver
Operating Temp:
-40° to +85°C
Battery Terminals:
5/16 - 24 (35 in-lbs / 4.0 Nm)
Coil Studs:
10-32 (15 in-lbs / 1.7 Nm)
Mechanical Specifications
• SPST Normally open contacts.
• Plated steel housing. Hexnuts and washers included.
• Large (power circuit) battery studs; copper
5/16” -24 thread.
• Small (control circuit) coil studs; steel 10-32 thread.
• Bracket mounting holes 5/16 X 19/32” (7.9 X 15.1mm) on 2
13/64” centers (56.0mm).
• Available with PVC coated exterior or Potted Coil interiors
for harsh environments or vibration resistance.
• Caution: Never unscrew the inner hexnuts on the studs.
These keep the stud and inner wiring in place.
Ordering Information
See chart on page 2
Description
Minimizes arcing and contact oxidation, maintains high
performance. Universal use with part numbers available to
handle loads up to 200A.
PVC Coated option available for a more environmentally-
sealed product. Coated solenoids withstand moisture and
dust to IP66.
Where vehicle vibration is a problem, we recommend the
24213-01 in which the internal windings are potted for added
protection of coil leads and studs.
Web Resources
Download 2D prints and technical resources at:
littelfuse.com/solenoids
3
2
1
4
2
1
3
BAT +
2
1
3
BAT +
2
13
Diagram 1
Diagram 2
Diagram 3
Diagram 4
Diagram 5
Electrical Schematic
Datasheet Replaces Hotfeed Number D-500


Similar Part No. - 24080

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
240800 INTEL-240800 Datasheet
331Kb / 43P
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
logo
TE Connectivity Ltd
2408012 TEC-2408012 Datasheet
98Kb / 1P
SMPM MALE S/T TO SWITCH BLINDMATE ADAPTOR
Rev. A
2408012-1 TEC-2408012-1 Datasheet
98Kb / 1P
SMPM MALE S/T TO SWITCH BLINDMATE ADAPTOR
Rev. A
logo
Integrated Technology F...
240801B ITF-240801B Datasheet
200Kb / 5P
SAW Bandpass Filter
2005-06-13
logo
TE Connectivity Ltd
2408023 TEC-2408023 Datasheet
84Kb / 1P
SWITCH MALE R/A TO SMA FEMALE S/T FOR 1.37 CABLE
Rev. A
More results

Similar Description - 24080

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCS1-70 AZETTLER-ZCS1-70 Datasheet
173Kb / 3P
HIGH CURRENT SOLENOIDS
logo
List of Unclassifed Man...
AH-751 ETC2-AH-751 Datasheet
134Kb / 2P
Heavy-duty, industrial quality, continuous duty heat blower
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
Continuous duty as listed below
RES-WLRD6G OHMITE-RES-WLRD6G Datasheet
189Kb / 2P
Continuous duty as listed below
logo
American Electronic Com...
DG34A AEC-DG34A Datasheet
364Kb / 3P
Optional version for starter solenoids
logo
SHINMEI ELECTRIC CO., L...
DF2024 SHINMEI-DF2024 Datasheet
41Kb / 2P
Flapper Type SOLENOIDS DF2024 Series
DP0712B SHINMEI-DP0712B Datasheet
50Kb / 2P
Pull-in Type Solenoids DP0712B Series
DP1015C SHINMEI-DP1015C Datasheet
52Kb / 2P
Pull-in Type SOLENOIDS DP1015C Series
DP1020C SHINMEI-DP1020C Datasheet
57Kb / 2P
Pull-in Type SOLENOIDS DP1020C Series
logo
Littelfuse
24512-03 LITTELFUSE-24512-03 Datasheet
553Kb / 2P
PLASTIC BODY SOLENOIDS
2020 Rev: 120820
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com