Electronic Components Datasheet Search
  English  ▼

X  

APT466FL Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT466FL
Description  N-CHANNEL ENHANCEMENT MODE RF POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT466FL Datasheet(HTML) 3 Page - Advanced Power Technology

  APT466FL Datasheet HTML 1Page - Advanced Power Technology APT466FL Datasheet HTML 2Page - Advanced Power Technology APT466FL Datasheet HTML 3Page - Advanced Power Technology APT466FL Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ARF466FL
TYPICAL PERFORMANCE CURVES
TC,CASETEMPERATURE(°C)
Figure 5, Typical Threshold Voltage vs Temperature
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 6, Typical Output Characteristics
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
-50 -25
0
25
50
75
100 125 150
25
20
15
10
5
0
0
5
10
15
20
25
30
5.5V
4.5V
5V
6V
VGS=15 & 10V
8V
4V
Figure 7b,TRANSIENT THERMAL IMPEDANCE MODEL
Note:
Duty Factor D = t1/t2
Peak TJ = PDM x ZθJC + TC
t1
t2
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULARPULSEDURATION(SECONDS)
FIGURE7a,MAXIMUMEFFECTIVETRANSIENTTHERMALIMPEDANCE,JUNCTION-TO-CASEvsPULSEDURATION
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0.5
0.1
0.3
0.7
D = 0.9
0.05
Table 1 - Typical Class AB Large Signal Input - Output Impedance
Freq. (MHz)
Z
OL (Ω)
2.0
13.5
27.1
40.7
65
18 - j 11
1.3 - j 5
.40 - j 2.6
.20 - j 1.6
.11 + j 0.6
30 - j 1.7
25.7 - j 9.8
18 - j 13.3
12 - j 12.6
6.2 - j 8.9
Zin - Gate shunted with 25Ω
IDQ = 100mA
Z
OL - Conjugate of optimum load for 300 W output at V
dd = 150V
Z
IN (Ω)
0.108
0.146
0.0460
0.00872
0.0650
0.767
Power
(watts)
Junction
temp. (
°C)
RC MODEL
Case temperature. (
°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com