Electronic Components Datasheet Search
  English  ▼

X  

APT466FL Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT466FL
Description  N-CHANNEL ENHANCEMENT MODE RF POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT466FL Datasheet(HTML) 4 Page - Advanced Power Technology

  APT466FL Datasheet HTML 1Page - Advanced Power Technology APT466FL Datasheet HTML 2Page - Advanced Power Technology APT466FL Datasheet HTML 3Page - Advanced Power Technology APT466FL Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ARF466FL
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 and foreign patents. US and Foreign patents pending. All Rights Reserved.
Thermal Considerations and Package Mounting:
The rated power dissipation is only available when the
package mounting surface is at 25°C and the junction tem-
perature is 175°C. The thermal resistance between junc-
tions and case mounting surface is 0.3°C/W. When instal-
led, an additional thermal impedance of 0.1°C/W between
the package base and the mounting surface is typical. In-
sure that the mounting surface is smooth and flat. Thermal
joint compound must be used to reduce the effects of small
surface irregularities. Use the minimum amount necessary
to coat the surface. The heatsink should incorporate a cop-
per heat spreader to obtain best results.
The package design clamps the ceramic base to the
heatsink. A clamped joint maintains the required mounting
pressure while allowing for thermal expansion of both the
base and the heat sink. Four 4-40 (M3) screws provide
the required mounting force. Torque the mounting screws
to 6 in-lb (0.68 N-m).
.330
.210
.210
.375
.570
ARF466FL
1.500
.300
.200
.005
.040
.320
1.250
.125R
4 pls
.125dia
4 pls
T3 Package Outline
D
S
S
S
S
G
L1
C1
R1
R3
R4
R5
ARF466FL
L2
L3
C3
C4
C7
C6
R2
C2
C8
C9
L4
150V
+
-
RF
Output
RF
Input
40.68 MHz Test Circuit
+
-
Bias
0-12V
C5
TL1
C1 -- 2200pF ATC 700B
C2-C5 -- Arco 465 Mica trimmer
C6-C8 -- .1mF 500V ceramic chip
C9 -- 3x 2200pF 500V chips COG
L1 -- 3t #22 AWG .25"ID .25 "L ~55nH
L2 -- 5t #16 AWG .312" ID .35"L ~176nH
L3 -- 10t #24 AWG .25"ID ~.5uH
L4 -- VK200-4B ferrite choke 3uH
R1- R3 -- 1k
Ω 0.5W
R4- R5 -- 1
Ω 1W SMT
TL1 -- 40
Ω t-line 0.15 x 2"
C1 is ~1.75" from R4-5.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com