Electronic Components Datasheet Search
  English  ▼

X  

7989P Datasheet(PDF) 1 Page - Belden Inc.

Part # 7989P
Description  Low Skew, Category 6, 4-24 AWG pairs, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7989P Datasheet(HTML) 1 Page - Belden Inc.

  7989P Datasheet HTML 1Page - Belden Inc. 7989P Datasheet HTML 2Page - Belden Inc. 7989P Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 7989P
Low Skew, Category 6, 4-24 AWG pairs, CMP
Product Description
Category 6, 23 AWG bonded pairs solid bare copper conductors, plenum, FEP Teflon® insulation, skew 10.0ns/100m nominal, rip cord, Flamarrest® jacket.
Technical Specifications
Product Overview
Suitable Applications:
Category 6, UTP Based Video Applications, and KVM
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
23
Solid
BC - Bare Copper 4
Conductor Count:
8
Total Number of Pairs:
4
Insulation
Material
FEP - Fluorinated Ethylene Propylene
Bonded-Pair:
N/A
Color Chart
Number
Color
1
White/Blue Stripe & Blue
2
White/Orange Stripe & Orange
3
White/Green Stripe & Green
4
White/Brown Stripe & Brown
Outer Shield
Material
No Shield
Outer Jacket
Material
Material Trade Name Nominal Diameter Ripcord
PVC - Polyvinyl Chloride Flamarrest®
0.367 in
Yes
Electrical Characteristics
Conductor DCR
Max. Conductor DCR Max. DCR Unbalance
90 Ohm/km
3 %
Capacitance
Max. Capacitance Unbalance Nom.Mutual Capacitance
49.2
15 pF/ft
Delay


Similar Part No. - 7989P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7989R ETC2-7989R Datasheet
90Kb / 3P
Category 6, 23 AWG bonded pairs solid bare copper conductors, non-plenum, polyolefin insulation
logo
Belden Inc.
7989R BELDEN-7989R Datasheet
264Kb / 3P
Low Skew, Category 6, 4-24 AWG pairs, CMR
2022 Belden, Inc
logo
List of Unclassifed Man...
7989R0131000 ETC2-7989R0131000 Datasheet
90Kb / 3P
Category 6, 23 AWG bonded pairs solid bare copper conductors, non-plenum, polyolefin insulation
logo
Belden Inc.
7989R0131000 BELDEN-7989R0131000 Datasheet
264Kb / 3P
Low Skew, Category 6, 4-24 AWG pairs, CMR
2022 Belden, Inc
More results

Similar Description - 7989P

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GXS33 BELDEN-10GXS33 Datasheet
257Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMP
7988P BELDEN-7988P Datasheet
229Kb / 3P
Low Skew, Category 5e, 4-24 AWG pairs, CMP
2022 Belden, Inc
7988R BELDEN-7988R Datasheet
227Kb / 3P
Low Skew, Category 5e, 4-24 AWG pairs, CMR
2022 Belden, Inc
1701A BELDEN-1701A Datasheet
180Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
10GX33 BELDEN-10GX33 Datasheet
168Kb / 3P
10GX Category 6A Enhanced Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
7989R BELDEN-7989R Datasheet
264Kb / 3P
Low Skew, Category 6, 4-24 AWG pairs, CMR
2022 Belden, Inc
M58183 BELDEN-M58183 Datasheet
238Kb / 3P
Mohawk Category 6 Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
7987P BELDEN-7987P Datasheet
202Kb / 3P
NanoSkew™ 4-24 AWG pairs, CMP
12-20-2022
7987R BELDEN-7987R Datasheet
227Kb / 3P
NanoSkew™ 4-24 AWG pairs, CMR
12-20-2022
1352A BELDEN-1352A Datasheet
167Kb / 3P
Category 6 Cable, 4 Pair, F/UTP, CMP
01-20-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com