Electronic Components Datasheet Search
  English  ▼

X  

7989P Datasheet(PDF) 2 Page - Belden Inc.

Part # 7989P
Description  Low Skew, Category 6, 4-24 AWG pairs, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7989P Datasheet(HTML) 2 Page - Belden Inc.

  7989P Datasheet HTML 1Page - Belden Inc. 7989P Datasheet HTML 2Page - Belden Inc. 7989P Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal Velocity of Propagation (VP) [%] Typical Delay Skew
72%
0.03 ns/100m
High Frequency
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min. NEXT
[dB]
Min. PSNEXT
[dB]
Min. PSACR
[dB]
Min. ACRF
(ELFEXT) [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL (Return
Loss) [dB]
Max./Min. Input Impedance
(unFitted)
1 MHz
2 dB/100m
74.3 dB
72.3 dB
70.3 dB
67.8 dB
64.8 dB
20 dB
100 ± 15
4 MHz
3.8 dB/100m
65.3 dB
63.3 dB
59.5 dB
55.7 dB
52.7 dB
23 dB
100 ± 15
8 MHz
5.3 dB/100m
60.8 dB
58.8 dB
53.4 dB
49.7 dB
46.7 dB
24.5 dB
100 ± 15
10 MHz
6 dB/100m
59.3 dB
57.3 dB
51.3 dB
47.8 dB
44.8 dB
25 dB
100 ± 15
16 MHz
7.6 dB/100m
56.3 dB
54.3 dB
46.7 dB
43.7 dB
40.7 dB
25 dB
100 ± 15
20 MHz
8.5 dB/100m
54.8 dB
52.8 dB
44.3 dB
41.7 dB
38.7 dB
25 dB
100 ± 15
25 MHz
9.5 dB/100m
53.4 dB
51.4 dB
41.8 dB
39.8 dB
36.8 dB
24.3 dB
100 ± 15
31.25 MHz
10.7 dB/100m
51.9 dB
49.9 dB
39.2 dB
37.9 dB
34.9 dB
23.6 dB
100 ± 15
62.5 MHz
15.4 dB/100m
47.4 dB
45.4 dB
30 dB
31.8 dB
28.8 dB
21.5 dB
100 ± 15
100 MHz
19.8 dB/100m
44.3 dB
42.3 dB
22.5 dB
27.8 dB
24.8 dB
20.1 dB
100 ± 15
155 MHz
25.2 dB/100m
41.5 dB
39.5 dB
14.3 dB
23.9 dB
20.9 dB
18.8 dB
100 ± 22
200 MHz
29 dB/100m
39.8 dB
37.8 dB
8.8 dB
21.8 dB
18.7 dB
18 dB
100 ± 22
250 MHz
32.8 dB/100m
38.3 dB
36.3 dB
3.5 dB
19.8 dB
16.8 dB
17.3 dB
100 ± 32
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Operating Temperature Range:
-20°C To +75°C
Mechanical Characteristics
Bulk Cable Weight:
33 lbs/1000ft
Max. Pull Tension:
45 lbs
Min. Bend Radius/Minor Axis:
3.5 in
Standards
NEC/(UL) Compliance:
CMP
CEC/C(UL) Compliance:
CMP
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Plenum
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
No
MII Order #39 (China RoHS):
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
NFPA 262
CSA Flammability:
FT6
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Related Part Numbers
Non-Plenum Number:
7989R
Variants
Item #
Color
Put-Up Type Length
UPC
7989P 0131000 Blue, Dark Reel
1,000 ft 612825192565



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com