Electronic Components Datasheet Search
  English  ▼

X  

EPC-T2286 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-T2286
Description  THIN barebone with 8th Gen. Intel® Desktop Core i Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-T2286 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-T2286 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-T2286 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
EPC-T2286 Series System
Dimensions
Unit: mm [inch]
Front View
Rear View
Ordering Information
Parts Number
Descripition
Supported MB
CPU
CPU
TDP
Front Panel
Rear Panel
Power
Adapter
Regulations
USB
2.0/3.0
COM
Audio
Jack
DP++
DP/
HDMI
VGA
USB
2.0/3.0
COM
Lan
Audio
EPC-T22865A-00Y0E
EPC-T2286 barebone,
w/CPU I5-8500T, w/o ADP,
RAM, HDD/SSD
AIMB-286F-00A1E
Core
i5-8500T
35W
(4/0)
(4)
(optional)
0
1/1
0
0/4
2
3
1 x Mic-in,
1 x Line-out
0
CE, FCC, CCC
EPC-T22865A-12Y0E
EPC-T2286 barebone,
w/CPU I5-8500T, ADP,
w/o RAM, HDD/SSD
AIMB-286F-00A1E
Core
i5-8500T
35W
(4/0)
(4)
(optional)
0
1/1
0
0/4
2
3
1 x Mic-in,
1 x Line-out
120W
CE, FCC, CCC
EPC-T22867A-00Y1E
EPC-T2286 barebone,
w/CPU I7-8700, w/o ADP,
RAM, HDD/SSD
AIMB-286F-00A1E
Core
i7-8700
65W
(4/0)
(4)
(optional)
0
1/1
0
0/4
2
3
1 x Mic-in,
1 x Line-out
0
CE, FCC, CCC
EPC-T22863A-00Y0E
EPC-T2286 STD barebone,w/
I3-8100T,w/o ADP,RAM,HD
AIMB-286F-00A1E
Core
i3-8100T
35W
(4/0)
(4)
(optional)
0
1/1
0
0/4
2
3
1 x Mic-in,
1 x Line-out
0
CE, FCC, CCC
* USB 4 colay with USB port of M.2 B key.
* CPU optional w/ TPN (MOQ 50 pcs).
* i3 SKU is project based MOQ:50 required
Packing List
Part Number
Description
Quantity
2190000902
Warranty card
1
1990012452S000
Bottom rubber foot
4
1930003238
Screws for bottom rubber foot
4
1930001241
Screws for Hard Disk/ spare
6
1930004828
Screws for Hard Disk bracket spare
2
1990021263S000
1990021264S000
Lock harness for power cord
1
1994000040
LVDS Snap wire bushing
1
Optional Accessories
Part Number
Description
AIMB-0BRK-WM02E
Wall mounting kit
AIMB-0BRK-VM04E
VESA mounting kit
AIMB-0BRK-RM02E
Rack mounting kit
96PSA-A120W12V1
ADP A/D 100-240V 120W 12V C14 DC Plug 180°
96PSA-A84W12V1
Adapter DC 12V, 7.0A/ 84W, AC 100-240VAC/1.3A 50-60Hz
1700029428-01
USB cable (2 ports), 25cm
1700022313-01
COM cable (2 ports), 25cm
1700029538-01
COM cable (4 ports), 35cm
1702002600
Power cord, 3-pin power cord (US)
1702002605
Power cord, 3-pin power cord (EU)
1702031801
Power cord, 3-pin power cord (UK)
1700000237
Power cord, 3-pin power cord with PSE (Japan)
** If using the 51W CPU, please to use 120W power adapter.
250 [9.843]
281 [11.063]
44.2 [1.740]
305.2 [12.015]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com