Electronic Components Datasheet Search
  English  ▼

X  

EPC-T2286 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-T2286
Description  THIN barebone with 8th Gen. Intel® Desktop Core i Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-T2286 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-T2286 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-T2286 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards & Systems
Features
EPC-T2286
Series System THINbarebonewith8thGen.Intel®
Desktop Core i Processor
ƒ Thin design with 44.2mm in height
ƒ Thin barebone with multi-IO ports is suitable for variety of application
environments with DC-in design
ƒ Easy/ quick installation for additional peripherals
ƒ One 2.5" shock-resistant drive bay
ƒ Support Wall/VESA/Rack mounting Kit
ƒ Lock type DC power jack
NEW
Specifications
Model Name
EPC-T2000 series
Order Parts Number
EPC-T22865A-00Y0E
EPC-T22867A-00Y1E
EPC-T22863A-00Y0E
Barebone system
Description
Fan-base barebone, w/ CPU; w/o HDD, SSD, Memory, Power Adapter
Processor System
Compatible Motherboard
AIMB-286F-00A1E
Thermal solution
2x chassis fan (4cm/23.8CFM each)
CPU
Intel® Core™ i5-8500T (35W)
Intel® Core™ i7-8700 (65W)
Intel® Core™ i3-8100T (35W)
BIOS
AMI EFI 128 Mbit, SPI
Memory
Socket
2 x 260 PIN DDR4 SO-DIMM (Non-ECC)
Technology
Dual Channel DDR4 2133 MHz SDRAM
Max. Capacity
32GB (up to 16GB per SO-DIMM)
Graphics
Chipset integrated
Intel® HD Graphics, Supports OpenGL 5.x, DirectX12, OpenCL 2.X
Storage
2.5" HDD bay
1 (support 2.5" HDD/SSD, max 9.5 mm height)
mSATA Slot
0
Ethernet
Interface
10/100/1000 Mbps
Controller
LAN1: Realtek 8111G
LAN2: Realtek 8111G
LAN3: Intel i211AT
Connector
3 (RJ-45)
Audio
Chipset
Realtek ALC888S, High Definition Audio(HD)
Internal expansion Slot
Mini-PCIe
0
M.2
1 x B key for SSD and 3G/4G (USB 3.0 colay with USB04), Type: 2242, 3042mm;
1 x E key for wireless, Type: 2230mm
Front Panel
USB
4 (USB2.0)
COM
4 (3x RS-232, 1 x RS-232/422/485 by Bom optional, default RS-232)
Audio Jack
0 (optional Line-Out, Mic-In)
Antenna (optional)
up to 2
Rear Panel
DP++
0
DP/HDMI
1 / 1 (HDMI 1.4 + DP1.2)
Lan
3 (RJ-45)
USB
4 (USB 3.0, USB04 colay with M.2 B key for USB 3.0)
Audio Jack
2 (Line-Out, Mic-in)
Power Input
1 (DC Jack)
COM
2 (1x RS-232, supports 5V/12V by jumper selection;
1 x RS-232/422/485 by Bom optional, default RS-232)
Antenna (optional)
up to 2
Miscellaneous
LED Indicators
2 (Power LED, HDD LED)
Control
1 (Power Switch);
1 (Remote Power Switch)
Power Requirements
Voltage Power
12V DC-in
Consumption
TBD
Environment
Operating Temperature
-0 ~ 50 °C, with 65W CPU and SSD/HDD (HDD: 0~ 60 °C)
Non-operating Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
10 ~ 85% @ 40 °C, non-condensing
Vibration (5 ~5 00Hz)
1 Grms (HDD x 1); 3 Grms (SSD x 1)
Dimensions (W x H x D)
250 x 44.2 x 225 mm (9.84" x 1.74" x 8.85")
Weight
4.0 kg
RoHS
COMPLIANT
2002/95/EC
ƒ Note: CE (No RED certification)
All product specifications are subject to change without notice.
Last updated: 22-Dec-2020


Similar Part No. - EPC-T2286

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-T2285 ADVANTECH-EPC-T2285 Datasheet
595Kb / 2P
Thin barebone system with desktop low profile Mini-ITX motherboard
EPC-T22853A-00Y1E ADVANTECH-EPC-T22853A-00Y1E Datasheet
595Kb / 2P
Thin barebone system with desktop low profile Mini-ITX motherboard
EPC-T22855A-00Y0E ADVANTECH-EPC-T22855A-00Y0E Datasheet
595Kb / 2P
Thin barebone system with desktop low profile Mini-ITX motherboard
EPC-T22855A-00Y0E ADVANTECH-EPC-T22855A-00Y0E Datasheet
836Kb / 2P
Intel® Core™ i7/i5/i3 LGA 1151 Mini-ITX with DP/HDMI/VGA, 2 COM, Dual LAN,PCIe x4, miniPCIe, DDR4, DC Input
11-Aug-2022
EPC-T22857A-00Y1E ADVANTECH-EPC-T22857A-00Y1E Datasheet
595Kb / 2P
Thin barebone system with desktop low profile Mini-ITX motherboard
More results

Similar Description - EPC-T2286

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL051 DFI-WL051 Datasheet
877Kb / 2P
8th Gen Intel Core Processor 2.5" Pico-ITX
WL551 DFI-WL551 Datasheet
781Kb / 4P
8th Gen Intel Core 3.5
WL968 DFI-WL968 Datasheet
967Kb / 2P
8th Gen Intel Core Processor COM Express Compact
logo
Advantech Co., Ltd.
EPC-C301 ADVANTECH-EPC-C301 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-P30X6 ADVANTECH-EPC-P30X6 Datasheet
648Kb / 2P
2U system with 8th/9th Gen Intel® Core™ i CPU (LGA 1151)
9-Feb-2022
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
TPC-B510 ADVANTECH-TPC-B510 Datasheet
494Kb / 3P
Modular TPC - Computing Box Module with Intel® 8th Gen. Core™ i CPU
17-Jan-2023
logo
BCM Advanced Research.
RX370Q BCM-RX370Q Datasheet
660Kb / 1P
Intel® Q370 uATX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
2021/5/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com