Electronic Components Datasheet Search
  English  ▼

X  

CD1N4148 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CD1N4148
Description  HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD1N4148 Datasheet(HTML) 2 Page - Continental Device India Limited

  CD1N4148 Datasheet HTML 1Page - Continental Device India Limited CD1N4148 Datasheet HTML 2Page - Continental Device India Limited CD1N4148 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DO-35 Glass Axial Package
DO-35, 52mm Taping Specification
On request also available in 26 mm Tape and Ammo Pack
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com