Electronic Components Datasheet Search
  English  ▼

X  

CD1N4148 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CD1N4148
Description  HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD1N4148 Datasheet(HTML) 1 Page - Continental Device India Limited

  CD1N4148 Datasheet HTML 1Page - Continental Device India Limited CD1N4148 Datasheet HTML 2Page - Continental Device India Limited CD1N4148 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CD1N4148
DO-35, 500mW
General purpose applications. Hermetically sealed glass and the glass passivated chip Provides
excellent stability.
ABSOLUTE MAXIMUM RATINGS (Ta=25 deg C otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
VRRM
80V
Reverse Voltage (Continuous)
VR
75V
Average Forward Current
IF(AV)
150
mA
Forward Current (DC)
IF
200
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non Repetitive Peak Surge Current tp=1usec
IFSM
2000
mA
tp=1sec
IFSM
500
mA
Power Dissipation
PTA
500
mW
Derating Factor
2.85
mW/deg C
Operating & Storage Junction Temperature
Tj, Tstg
-65 to +200
deg C
Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP MAX
UNIT
Forward Voltage
VF
IF=10mA
-
-
1.0V
Reverse Current
IR
VR=20V
-
-
500
nA
VR=75V
-
-
20
uA
Reverse Breakdown Voltage
VBR
IR=100uA
80
-
-V
IR=20uA
75
-
-V
DYNAMIC CHARACTERISTICS
Diode Capacitance
Cd
VR=0V, f=1MHz
-
-
4.0
pF
Forward Recovery Voltage
Vfr
IF=50mA, tr=20ns
-
-
2.5V
Reverse Recovery Time
trr
IF=10mA, to IR=60mA
-
-
4.0
ns
RL=100ohms
Measured @ IR=1mA
MARKING: Cathode band
+
4148
( no body coat)
IS/ISO 9002
Lic# QSC/L- 000019.2
IS / IECQC 700000
IS / IECQC 750100
Data Sheet
Page 1 of 3


Similar Part No. - CD1N4148

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD10 ETC1-CD10 Datasheet
67Kb / 4P
Mica Capacitors, Standard Dipped
logo
Cornell Dubilier Electr...
CD10 CDE-CD10 Datasheet
526Kb / 7P
Mica Capacitors, Standard Dipped
logo
Marki Microwave
CD10-0106 MARKIMICROWAVE-CD10-0106 Datasheet
218Kb / 3P
DUAL DIRECTIONAL COUPLER
CD10-0114 MARKIMICROWAVE-CD10-0114 Datasheet
218Kb / 3P
DUAL DIRECTIONAL COUPLER
logo
TDK Electronics
CD10-E2GA152MYGSA TDK-CD10-E2GA152MYGSA Datasheet
73Kb / 3P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Similar Description - CD1N4148

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CT40 CDIL-CT40 Datasheet
163Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CTZ26 CDIL-CTZ26 Datasheet
213Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
TRANSYS Electronics Lim...
1N4148 TEL-1N4148 Datasheet
80Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
1N4448 TEL-1N4448 Datasheet
81Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES AXIAL LEAD
logo
SUNMATE electronic Co.,...
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
0.5A Axial Leaded High Speed Switching Diode
1SS130 SUNMATE-1SS130 Datasheet
154Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS132 SUNMATE-1SS132 Datasheet
180Kb / 2P
120mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
1SS178 SUNMATE-1SS178 Datasheet
170Kb / 1P
100mA Axial Leaded High Speed Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com