Electronic Components Datasheet Search
  English  ▼

X  

PLR480A Datasheet(PDF) 2 Page - Littelfuse

Part # PLR480A
Description  Protection Relays - Voltage Monitoring Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLR480A Datasheet(HTML) 2 Page - Littelfuse

  PLR480A Datasheet HTML 1Page - Littelfuse PLR480A Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Voltage Monitoring Relays
www.littelfuse.com/plr
PLR SERIES
Accessories
BZ1 Front Panel Mount Kit
Provides an easy method of through-the-panel
mounting of 8- or 11-pin plug-in timers, flashers,
and other controls.
OT08PC Octal 8-pin Socket
8-pin 35mm DIN rail or surface mount. Rated at
10A @ 600VAC. Surface mounted with two #6
screws or snaps onto a 35 mm DIN rail.
LPSM003ZXID (Indicating),
LPSM003Z (Non-indicating) Fuse Holders
Littelfuse POWR-SAFE Dead Front holders
provide optimum protection to personnel for
Class CC and Midget-Style fuses. 600 VAC/DC
0KLK002.T Midget Fuse (2 Amp)
10 x 38 fast acting, high-interrupting capacity,
current-limiting type fuse. 600 Vac/500 Vdc
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
Specifications
Line Voltage
Type
3-phase delta or wye with no connection
to neutral
Nominal Voltage
Undervoltage
Dropout Adj. Range
Line Voltage Max.
120VAC
85 to 130VAC
143VAC
240VAC
170 to 240VAC
270VAC
380VAC
310 to 410VAC
480VAC
480VAC
350 to 480VAC
530VAC
AC Line Frequency
50/60Hz
Phase Sequence
ABC
Response Times
Pull-in
≤ 400ms
Drop-out
≤ 100ms
Hysterisis
Pull-in/Drop-out
≅ 2%
Output
Type
Electromechanical relay, energized when all
voltages are acceptable
Form
SPDT
Rating
5A resistive @ 240VAC, 1/4 Hp @ 120VAC
Maximum Voltage
250VAC
Protection
Phase Reversal/Failure
ASME A17.1 Rule 210.6
Motors and Generators
NEMA MG1 14:30, 14:35
Surge
IEEE C62.41-1991 Level B
Isolation Voltage
120 & 240VAC
≥ 1500V RMS input to output
380 & 480VAC
≥ 2500V RMS input to output
Mechanical
Dimensions
H 81.3 mm (3.2”); W 60.7 mm (2.39”);
D 45.2 mm (1.78”)
Mounting*
Plug-in socket
Termination
Octal 8-pin, plug-in
Environmental
Operating/Storage
Temperature
0° to 55°C / -40° to 85°C
Weight
≅ 6 oz (170 g)
*CAUTION: Select an octal socket rated for 600VAC operation.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com