Electronic Components Datasheet Search
  English  ▼

X  

PLR480A Datasheet(PDF) 1 Page - Littelfuse

Part # PLR480A
Description  Protection Relays - Voltage Monitoring Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLR480A Datasheet(HTML) 1 Page - Littelfuse

  PLR480A Datasheet HTML 1Page - Littelfuse PLR480A Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Voltage Monitoring Relays
www.littelfuse.com/plr
PLR SERIES
Description
The PLR Series provides a cost effective means of preventing
3-phase motor startup during adverse voltage conditions. Proper
A-B-C sequence must occur in order for the PLR’s output
contacts to energize. In addition, the relay will not energize
when an undervoltage or phase loss condition is present. The
PLR Series protects a motor against undervoltage operation.
The adjustment knob sets the undervoltage trip point.
Operation
The output relay is energized and the LED glows when all
voltages are acceptable and the phase sequence is correct.
Undervoltage must be sensed for a continuous dropout delay
period before the relay de-energizes. Reset is automatic upon
correction of the fault condition. The output relay will not
energize if a fault condition is sensed as power is applied.
Field Adjustment: Turn the adjustment knob fully
counterclockwise and apply three-phase power. The LED should
be ON. Increase adjustment until the LED goes OFF. Decrease
adjustment until LED glows again. If nuisance tripping occurs,
decrease the adjustment slightly.
NOTE: When properly adjusted and operating in an average system, a voltage unbalance of 10%
or more is required for phase loss detection. When a phase is lost while the motor is running, a
voltage will be induced into the open phase nearly equal in magnitude to the normal phase-to-
phase voltage. This condition is known as regeneration. When regenerated voltages are present,
the voltage unbalance during single phasing may not exceed 10% for some motors. The PLR
Series may not provide protection under this condition. For systems that require superior phase
loss protection, select the PLMU Series.
Features & Benefits
FEATURES
BENEFITS
Continuous monitoring
Prevents 3-phase motor startup when undervoltage
or phase loss condition is present
Industry standard 8-pin
octal plug connection
Eliminates need for special connectors
LED indication
Quick visual indication of output status and correct
phase sequence
Ordering Information
MODEL
LINE VOLTAGE
PLR120A
95 to 140VAC
PLR240A
190 to 270VAC
PLR380A
340 to 450VAC
PLR480A
380 to 500VAC
If you don’t find the part you need, call us for a custom product 800-843-8848
Wiring Diagram
F = Fuses
ØA = Phase A = L1
ØB = Phase B = L2
ØC = Phase C = L3
NO = Normally Open
NC = Normally Closed
Relay contacts are isolated
2A fast acting fuses recommended for
safety (not required).
8-PIN


Similar Part No. - PLR480A

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PLR40-1000 COPAL-PLR40-1000 Datasheet
104Kb / 2P
SLIP RINGS
logo
Protek Devices
PLR4045 PROTEC-PLR4045 Datasheet
468Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PLR480A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PUB02CT23 ETC2-PUB02CT23 Datasheet
211Kb / 4P
Monitoring Relays Monitoring Relays Types DUB02, PUB02
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
DLMU LITTELFUSE-DLMU Datasheet
255Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
HLVA6I23 LITTELFUSE-HLVA6I23 Datasheet
456Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062116
KVM LITTELFUSE-KVM Datasheet
338Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLMU11 LITTELFUSE-PLMU11 Datasheet
343Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVW LITTELFUSE-TVW Datasheet
371Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM LITTELFUSE-WVM Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com