Electronic Components Datasheet Search
  English  ▼

X  

TSDB Datasheet(PDF) 2 Page - Littelfuse

Part # TSDB
Description  Time Delay Relays - Dedicated - Delay-on-Break
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TSDB Datasheet(HTML) 2 Page - Littelfuse

  TSDB Datasheet HTML 1Page - Littelfuse TSDB Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Delay-on-Break
Rev: 1-A-062216
www.littelfuse.com/tsdb
Accessories
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
External Resistance vs.Time Delay
This chart applies to externally adjustable part numbers.
The time delay is adjustable over the time delay range selected by varying
the resistance across the RT terminals; as the resistance increases the tie
delay increases.
When selecting an external RT, add the tolerances of the timer and the RT
for the full time range adjustment.
Examples: 1 to 50 S adjustable time delay, select time delay range 1 and
a 50 K ohn RT. For 1 to 100 S use a 100 K ohm RT.
Function Diagram
DELAY-ON-BREAK (OFF-DELAY)
V = Voltage
S1 = Initiate Switch
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
t = Incomplete
Time Delay
R = Reset
= Undefined
Time
TSDB SERIES
Specifications
Time Delay
Range
0.1s - 1000m in 6 adjustable ranges or fixed
Repeat Accuracy
±0.5 % or 20ms, whichever is greater
Tolerance
(Factory Calibration)
≤ ±1%
Reset Time
≤ 150ms
Initiate Time
≤ 20ms
Time Delay vs Temp.
& Voltage
≤ ±2%
Input
Voltage
12 or 24VDC; 24, 120, or 230VAC
Tolerance
±15%
Power Consumption
AC ≤ 2VA; DC ≤ 1W
AC Line Frequency/DC Ripple 50/60 Hz / ≤ 10 %
Output
Type
Solid state
Form
NO, closed before & during timing
Maximum Load Current
1A steady state, 10A inrush at 60°C
Off State Leakage Current
≅ 5mA @ 230VAC; DC ≅ 1mA
Voltage Drop
AC ≅ 2.5V @ 1A; DC ≅ 1V @ 1A
DC Operation
Positive or negative switching
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Polarity
DC units are reverse polarity protected
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2.0”); W 50.8 mm (2.0”);
D 30.7 mm (1.21”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Environmental
Operating/Storage
Temperature
-40° to 75°F / -40° to 85°F
Humidity
95% relative, non-condensing
Weight
≅ 2.4 oz (68 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com